Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP12-243.3SAW Datasheet(PDF) 2 Page - Recom International Power

Part # RP12-243.3SAW
Description  12 Watt DIP24/SMD Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-243.3SAW Datasheet(HTML) 2 Page - Recom International Power

  RP12-243.3SAW Datasheet HTML 1Page - Recom International Power RP12-243.3SAW Datasheet HTML 2Page - Recom International Power RP12-243.3SAW Datasheet HTML 3Page - Recom International Power RP12-243.3SAW Datasheet HTML 4Page - Recom International Power RP12-243.3SAW Datasheet HTML 5Page - Recom International Power RP12-243.3SAW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP12-AW
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 48V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Input Filter
Pi-Type
Input Reflected Ripple Current
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
450ms
5ms
Operating Frequency Range
360kHz
400kHz
440kHz
Minimum Load
of full load
0%
Ripple and Noise
20MHz bandwidth
85mVp-p
Remote ON/OFF (4)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
+0.5mA
Notes:
Note4: The ON/OFF control pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
9Vin
24Vin
36Vin
Output Current [%]
10
65
60
55
50
45
40
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85
18Vin
48Vin
75Vin
Output Current [%]
10
60
55
50
45
40
65
70
75
80
90
95
20
40
60
80
100
30
50
70
90
85
Input Voltage [VDC]
9
65
70
75
80
90
95
15
12
21
27
36
12
18
24
30
85
Total Input Voltage [%]
18
65
70
75
80
85
95
30
36
48
60
75
24
42
54
66
90
RP12-2405SAW
RP12-4805SAW


Similar Part No. - RP12-243.3SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAWSMD RECOM-RP12-243.3SAWSMD Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP12-243.3SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-A RECOM-RP12-A Datasheet
501Kb / 7P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com