Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-123.3SA Datasheet(PDF) 3 Page - Recom International Power

Part # RP15-123.3SA
Description  15 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-123.3SA Datasheet(HTML) 3 Page - Recom International Power

  RP15-123.3SA Datasheet HTML 1Page - Recom International Power RP15-123.3SA Datasheet HTML 2Page - Recom International Power RP15-123.3SA Datasheet HTML 3Page - Recom International Power RP15-123.3SA Datasheet HTML 4Page - Recom International Power RP15-123.3SA Datasheet HTML 5Page - Recom International Power RP15-123.3SA Datasheet HTML 6Page - Recom International Power RP15-123.3SA Datasheet HTML 7Page - Recom International Power RP15-123.3SA Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-A
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
80
85
95
20
40
60
80
100
30
50
70
90
90
36Vin
48Vin
75Vin
Output Current [%]
10
40
45
50
55
60
65
70
75
80
85
20
40
60
80
100
30
50
70
90
90
95
Total Input Voltage [%]
18
60
65
70
75
80
85
95
22
24
28
32
36
20
26
30
34
90
Total Input Voltage [%]
36
65
70
75
80
85
95
44
48
56
66
75
40
52
60
72
90
RP15-2405SA
RP15-4805SA
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1%
Line Voltage Regulation
Single
Dual
±0.2%
±0.5%
Voltage adjustability
Single
±10%
Load Voltage Regulation
0% to 100% load
Single
Dual
±0.2%
±1.0%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
250µs typ.
continued on next page
External Output Trimming
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using
external trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for
chosing these trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to
work out the resis tor required or use a variable resistor to set the output voltage.
TRIM UP
TRIM DOWN
RU
6
5
RD
5
4


Similar Part No. - RP15-123.3SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-123.3SA RECOM-RP15-123.3SA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
More results

Similar Description - RP15-123.3SA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com