Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-AW Datasheet(PDF) 7 Page - Recom International Power

Part # RP15-AW
Description  15 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-AW Datasheet(HTML) 7 Page - Recom International Power

  RP15-AW Datasheet HTML 1Page - Recom International Power RP15-AW Datasheet HTML 2Page - Recom International Power RP15-AW Datasheet HTML 3Page - Recom International Power RP15-AW Datasheet HTML 4Page - Recom International Power RP15-AW Datasheet HTML 5Page - Recom International Power RP15-AW Datasheet HTML 6Page - Recom International Power RP15-AW Datasheet HTML 7Page - Recom International Power RP15-AW Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-AW
Series
PD-7
REV.: 1/2016
www.recom-power.com
Dimension Drawing (mm)
Dimension Drawing (mm) with Heat-sink
4
6
1
2
Bottom View
Standard
4
6
1
2
Bottom View
CTRL version
5
3
25.4
20.32
25.4
Ø 1.0
20.32
2.54
5.08
5.08
10.16
10.16
2.54
Top View
Ø1.60 +0.15/-0
25.4
31.4
20.32
25.4
Ø 1.0
2.54
24.20
Top View
Heat-sink
Pin Connections
Pin #
Single
Single
/P or /N
Dual
Dual
/P or /N
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
no Pin
CTRL
no Pin
CTRL
4
+Vout
+Vout
+Vout
+Vout
5
no Pin
Trim
Com
Com
6
-Vout
-Vout
-Vout
-Vout
Case Tolerance ±0.5mm
Pin Pitch Tolerance ±0.25mm
XX.X ± 0.5mm
XX.XX ± 0.25mm


Similar Part No. - RP15-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
   15 Watt Single Dual Output
REC15-M RECOM-REC15-M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
   15 Watt Single & Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com