Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-2405SOF Datasheet(PDF) 2 Page - Recom International Power

Part # RP15-2405SOF
Description  15 Watt Single Output Open Frame SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-2405SOF Datasheet(HTML) 2 Page - Recom International Power

  RP15-2405SOF Datasheet HTML 1Page - Recom International Power RP15-2405SOF Datasheet HTML 2Page - Recom International Power RP15-2405SOF Datasheet HTML 3Page - Recom International Power RP15-2405SOF Datasheet HTML 4Page - Recom International Power RP15-2405SOF Datasheet HTML 5Page - Recom International Power RP15-2405SOF Datasheet HTML 6Page - Recom International Power RP15-2405SOF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP15-OF
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 24V
nom. Vin = 48V
18VDC
36VDC
24VDC
48VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 24V
DC-DC ON
DC-DC OFF
14.5VDC
18VDC
Vin = 48V
DC-DC ON
DC-DC OFF
30.5VDC
36VDC
Input Filter
Pi-Type
Input Reflected Ripple(4)
nominal Vin and full load
30mAp-p
Input Surge Voltage
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
30ms
30ms
Operating Frequency Range
3.3V, 5V
Others
243kHz
423kHz
270kHz
470kHz
297kHz
517kHz
Minimum Load
0%
Optional Output Trim(5)
±10.0%
Ripple and Noise
measured by 20MHz bandwidth
with a 1µF M/C X7R and 10µF T/C
3.3Vout, 5Vout
12Vout, 15Vout
75mVp-p
100mVp-p
Remote ON/OFF(5)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 15V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 15V
Input current of Remote pin (CTRL)
DC-DC OFF
20mA
DC-DC ON
-0.5mA
+1.0mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note4: Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
Note5: If no suffix is specified, the control pin will be omitted. If fitted, the ON/OFF control function can be
positive or negative logic. The pin voltage is referenced to -Vin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [mA]
60
55
50
45
40
65
70
75
80
90
95
20
10
60
50
80
40
30
70
90
100
85
Total Input Voltage [%]
18
83
83.5
84
84.5
85
85.5
86
86.5
87
22
24
28
32
36
20
26
30
34
RP15-2405SOF


Similar Part No. - RP15-2405SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2405SOFW RECOM-RP15-2405SOFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-2405SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
   40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
   12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
   25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com