Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-483.3SOF Datasheet(PDF) 4 Page - Recom International Power

Part # RP15-483.3SOF
Description  15 Watt Single Output Open Frame SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-483.3SOF Datasheet(HTML) 4 Page - Recom International Power

  RP15-483.3SOF Datasheet HTML 1Page - Recom International Power RP15-483.3SOF Datasheet HTML 2Page - Recom International Power RP15-483.3SOF Datasheet HTML 3Page - Recom International Power RP15-483.3SOF Datasheet HTML 4Page - Recom International Power RP15-483.3SOF Datasheet HTML 5Page - Recom International Power RP15-483.3SOF Datasheet HTML 6Page - Recom International Power RP15-483.3SOF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PD-4
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-OF
Series
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.7 - 5.4V
5.6 - 7.0V
13.5 - 19.6V
16.8 - 20.5V
Over Load Protection (OLP)
% of Iout rated, Hiccup mode
150% typ.
Isolation Voltage
I/P to O/P
2.25kVDC/1 minute
Isolation Resistance
500VDC
10M
Ω min.
Isolation Capacitance
1000pF typ.
Notes:
Note6: This power module is not internally fused. An input line fuse must always be used.
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
U =
253.45
125.70
83.12
61.82
49.05
40.53
34.45
29.89
26.34
23.50
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
248.34
120.59
78.01
56.71
43.94
35.42
29.34
24.78
21.23
18.39
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
203.22
99.06
64.33
46.97
36.56
29.61
24.65
20.93
18.04
15.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
776.56
380.72
248.78
182.81
143.22
116.83
97.98
83.85
72.85
64.06
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
161.56
78.22
50.45
36.56
28.22
22.67
18.70
15.72
13.41
11.56
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
818.22
401.56
262.67
193.22
151.56
123.78
103.94
89.06
77.48
68.22
KOhms
RP15-xx05SOF
RP15-xx12SOF
RP15-xx15SOF


Similar Part No. - RP15-483.3SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-483.3SOFW RECOM-RP15-483.3SOFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
More results

Similar Description - RP15-483.3SOF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
   15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
   40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
   12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
   25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com