Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20-2412SAW Datasheet(PDF) 1 Page - Recom International Power

Part # RP20-2412SAW
Description  20 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2412SAW Datasheet(HTML) 1 Page - Recom International Power

  RP20-2412SAW Datasheet HTML 1Page - Recom International Power RP20-2412SAW Datasheet HTML 2Page - Recom International Power RP20-2412SAW Datasheet HTML 3Page - Recom International Power RP20-2412SAW Datasheet HTML 4Page - Recom International Power RP20-2412SAW Datasheet HTML 5Page - Recom International Power RP20-2412SAW Datasheet HTML 6Page - Recom International Power RP20-2412SAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
20 Watt
Single &
Dual Output
Features
Regulated
Converters
• Wide 4:1 Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 90%
• Six-Sided Continuous Shield
• No Minimum Load
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP20-AW series are ultraminiature wide input voltage range power DC/DC converters in a case
half the size of industry standard 20W converters. Despite their small size, the RP20-AW converters are
fully specified devices with output currents up to 4.5 Amps, up to 90% efficiency, no minimum load,
1600VDC isolation, a built-in Class A EMC filter and low ripple/noise figures. The outputs are also fully
protected against short circuits, overcurrent and overvoltage. The no load input current is particularly
low (only 4mA/6mA). The RP20-AW series will find many uses in applications where board space and/
or board height is at a premium or in battery-powered systems where standby current is important.
E196683
RP20-AW
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP20-243.3SAW(3,4)
9-36
3.3
4500
695
89
7000
RP20-2405SAW(3,4)
9-36
5
4000
936
89
5000
RP20-2412SAW(3,4)
9-36
12
1670
938
89
850
RP20-2415SAW(3,4)
9-36
15
1330
934
89
700
RP20-483.3SAW(3,4)
18-75
3.3
4500
356
87
7000
RP20-4805SAW(3,4)
18-75
5
4000
468
89
5000
RP20-4812SAW(3,4)
18-75
12
1670
469
89
850
RP20-4815SAW(3,4)
18-75
15
1330
462
90
700
RP20-2412DAW(3,4)
9-36
±12
±833
936
89
±500
RP20-2415DAW(3,4)
9-36
±15
±667
926
90
±350
RP20-4812DAW(3,4)
18-75
±12
±833
468
89
±500
RP20-4815DAW(3,4)
18-75
±15
±667
463
90
±350
UL60950-1 Certified
Model Numbering
Ordering Examples
RP20-2405SAW/P = 24V 4:1 Input, 5V Output, Positive Logic CTRL pin and Trim pin fitted.
RP20-483.3SAW-HC = 48V 4:1 Input, 3.3V Output, Premounted Heat-sink, no Trim or CTRL pins.
(no trim pin available with dual output)
Input Voltage
Output Voltage
Single or Dual
RP20-__ __ _AW/_ _
Package(5)
Control Logic(4)
Notes:
Note3: no suffix is standard part without trim pin and CTRL function fitted.
add suffix “P” for CTRL function with positive logic (1=ON, 0=OFF), including trim pin
add suffix “N” for CTRL function with negative logic (0=ON, 1=OFF), including trim pin
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Values at nominal input voltage and no load/full load
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP20-2412SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2412SAW RECOM-RP20-2412SAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-2412SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com