Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP12-1215DA Datasheet(PDF) 5 Page - Recom International Power

Part # RP12-1215DA
Description  12 Watt DIP24/SMD Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP12-1215DA Datasheet(HTML) 5 Page - Recom International Power

  RP12-1215DA Datasheet HTML 1Page - Recom International Power RP12-1215DA Datasheet HTML 2Page - Recom International Power RP12-1215DA Datasheet HTML 3Page - Recom International Power RP12-1215DA Datasheet HTML 4Page - Recom International Power RP12-1215DA Datasheet HTML 5Page - Recom International Power RP12-1215DA Datasheet HTML 6Page - Recom International Power RP12-1215DA Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(10)
with external filter
EN55022, Class A or B
ESD
Radiated Immunity
Fast Transient(11)
Surge(11)
Conducted Immunity
Air ±8kV and Contact ± 6kV
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP12-A
Series
PD-5
REV.: 1/2016
www.recom-power.com
Notes:
Note10: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220μF/100V
Note11: The standard modules meet EMI Class A or Class B with external components, see filter suggestions below.
EMC Filtering Class A
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
Input
Input
DC
DC
Fuse
C1
+VIN
+VOUT
-VOUT
-VIN
C3
C2
C2
DC
DC
Fuse
C1
+VIN
+VOUT
COM
-VOUT
-VIN
C3
MODEL
C1
C2/C3
RP12-12xxS_DA
6.8μF/50V
1210 MLCC
1000pF/2kV
1206 MLCC
RP12-24xxS_DA
4.7μF/50V
1210 MLCC
1000pF/2kV
1206 MLCC
RP12-48xxS_DA
2.2μF/100V
1812 MLCC
1000pF/2kV
1206 MLCC
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
Input
Input
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
+VOUT
COM
-VOUT
L1
DC
DC
Fuse
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C3
L1
EMC Filtering Class B
MODEL
C1
C2
C3/C4
L1
RP12-12xxS_DA
3.3μF/50V
1812 MLCC
N/A
1000pF/2kV
1206 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06
RP12-24xxS_DA
4.7μF/50V
1812 MLCC
N/A
1000pF/2kV
1206 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06
RP12-48xxS_DA
2.2μF/100V
1812 MLCC
2.2μF/100V
1812 MLCC
1000pF/2kV
1206 MLCC
CMC: 325μH
ref: WE 744290321
ref.: CMC-06


Similar Part No. - RP12-1215DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-1215DA RECOM-RP12-1215DA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP12-1215DA RECOM-RP12-1215DA Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-1215DASMD RECOM-RP12-1215DASMD Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP12-1215DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP12-AW RECOM-RP12-AW Datasheet
475Kb / 6P
   12 Watt DIP24/SMD Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA_07 Datasheet
96Kb / 4P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-243.3SAW RECOM-RP12-243.3SAW Datasheet
91Kb / 3P
   12 Watt DIP24 & SMD, Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com