Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP20-4815SAW Datasheet(PDF) 6 Page - Recom International Power

Part # RP20-4815SAW
Description  20 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4815SAW Datasheet(HTML) 6 Page - Recom International Power

  RP20-4815SAW Datasheet HTML 1Page - Recom International Power RP20-4815SAW Datasheet HTML 2Page - Recom International Power RP20-4815SAW Datasheet HTML 3Page - Recom International Power RP20-4815SAW Datasheet HTML 4Page - Recom International Power RP20-4815SAW Datasheet HTML 5Page - Recom International Power RP20-4815SAW Datasheet HTML 6Page - Recom International Power RP20-4815SAW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIMENSIONS and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
Nickel coated copper
FR4 PCB
Silicone (UL94-V0)
Package Dimensions (LxWxH)
without Heat-sink
with Heat-sink
25.4 x 25.4 x 9.9mm
31.4 x 25.4x 16.5mm
Package Weight
without Heat-sink
with Heat-sink
15g
21.44g
continued on next page
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-AW
Series
Dimension Drawing (mm)
4
6
1
2
Bottom View
Standard
4
6
1
2
Bottom View
CTRL version
5
3
25.4
20.32
25.4
Ø 1.0
20.32
2.54
5.08
10.16
10.16
5.08
2.54
Top View
Ø1.60 +0.15/-0
Input
Input
DC
DC
Fuse
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C5
+VOUT
COM
-VOUT
L1
Fuse
C2
C1
L1
DC
DC
C3
+VIN
+VOUT
-VOUT
-VIN
C4
C5
Input
Input
DC
DC
Fuse
C3
C2
C1
+VIN
+VOUT
-VOUT
-VIN
C4
C5
+VOUT
COM
-VOUT
L1
Fuse
C2
C1
L1
DC
DC
C3
+VIN
+VOUT
-VOUT
-VIN
C4
C5
EMI Filtering Class B
MODEL
C1
C2
C3
C4/C5
L1
RP20-24xxSAW
RP20-24xxDAW
4.7µF/25V
1812 MLCC
N/A
N/A
470pF/2kV
1808 MLCC
CMC: 325µH
ref.: WE 744290321
ref.: CMC-06
RP20-48xxSAW
RP20-48xxDAW
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
470pF/2kV
1808 MLCC
CMC: 325µH
ref.: WE 744290321
ref.: CMC-06
Pin Connections
Pin # Single
Single
/P or /N
Dual
Dual
/P or /N
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
CTRL
CTRL
CTRL
CTRL
4
+Vout
+Vout
+Vout
+Vout
5
Trim
Trim
Com
Com
6
-Vout
-Vout
-Vout
-Vout
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm


Similar Part No. - RP20-4815SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4815SAW RECOM-RP20-4815SAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4815SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com