Electronic Components Datasheet Search |
|
RP15-4815DFW Datasheet(PDF) 2 Page - Recom International Power |
|
RP15-4815DFW Datasheet(HTML) 2 Page - Recom International Power |
2 / 7 page BASIC CHARACTERISTICS Parameter Condition Min. Typ. Max. Input Voltage Range nom. Vin = 24V nom. Vin = 48V 9VDC 18VDC 24VDC 48VDC 36VDC 75VDC Under Voltage Lockout (UVLO) Vin = 24V DC-DC ON DC-DC OFF 7.5VDC 9VDC Vin = 48V DC-DC ON DC-DC OFF 15VDC 18VDC Input Filter Pi-type Input Reflected Ripple Current nominal Vin and full load 20mAp-p Input Surge Voltage Vin = 24V, 100ms max. Vin = 48V, 100ms max. 50VDC 100VDC Start-up time Power up 20ms Operating Frequency Range 360kHz 400kHz 440kHz Minimum Load full load 0% Ripple and Noise 20MHz bandwidth with a 0.1µF/50V MLCC Single: 3.3Vout, 5Vout 50mVp-p Single: 12Vout, 15Vout 75mVp-p Dual: all 75mVp-p Remote ON/OFF(5) Positive Logic DC-DC ON DC-DC OFF Open or 3.0V < Vr < 12V Short or 0V < Vr <1.2V Negative Logic DC-DC ON DC-DC OFF Short or 0V < Vr <1.2V Open or 3.0V < Vr < 12V Input current of Remote pin (CTRL) DC-DC OFF 2.5mA DC-DC ON -0.5mA +0.5mA continued on next page PD-2 REV.: 1/2016 www.recom-power.com DC/DC Converter RP15-FW Series Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted Notes: Note5: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin. If no suffix is specified, the control pin will be omitted. Efficiency vs. Output Current Efficiency vs. Input Voltage Input Voltage [VDC] 9 60 65 70 75 80 85 95 15 18 24 30 36 12 21 27 33 90 9Vin 24Vin 36Vin Output Current [%] 10 60 55 50 45 40 35 65 70 75 80 90 95 20 40 60 80 100 30 50 70 90 85 RP15-2405SFW |
Similar Part No. - RP15-4815DFW |
|
Similar Description - RP15-4815DFW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |