Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD214A-B230LLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD214A-B230LLF
Description  Schottky Barrier Rectifi er Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B230LLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD214A-B230LLF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B230LLF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
RoHS compliant*
SMA package
Surface mount
Very low forward voltage drop
CD214A-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast
2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different
applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Schottky Rectifier Diodes for rectification applications, in compact chip package DO-214AC (SMA) size format, which offer PCB
real estate savings and are considerably smaller than competitive parts. The Schottky Rectifier Diodes offer a forward current of 2 A with a
choice of repetitive peak reverse voltage of 20 V up to 60 V.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration
minimizes roll away.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
B220
B230
B240
B240L
B250
B260
Forward Voltage (Max.)
(lf = 2 A)
VF
0.5
0.5
0.5
0.43
0.7
0.7
V
Typical Junction
Capacitance**
CT
200
pF
Reverse Current (Max.)
at Rated VR)
IR
0.5
0.5
0.5
2.0
0.5
0.5
mA
** Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC.
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
B220
B230
B240
B240L
B250
B260
Repetitive Peak
Reverse Voltage
VRRM
20
30
40
40
50
60
V
Reverse Voltage
VR
20
30
40
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
28
35
42
V
Avg. Forward Current
IO
2A
Forward Current,
Surge Peak
(60 Hz, 1 cycle)
Isurge
50
50
50
25
50
50
A
Typical Thermal
Resistance***
RƟJL
15
15
15
18
15
15
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Junction Temperature
TJ
-55 to +125
°C
*** Thermal resistance junction to lead.
How to Order
CD 214A - B 2 40 L LF
Common Code
Chip Diode
Package
214A = SMA/DO-214AC
Model
B = Schottky Barrier Series
Average Forward Current (IO) Code
2 = 2 A (Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
30 = 30 V
40 = 40 V
60 = 60 V
Forward Voltage Suffix (Applies to -B240L only)
L = Low Forward Voltage Vf (-B240L only)
No Space in P/N = Not Low Forward Voltage
Terminations
LF = 100 % Sn (RoHS Compliant*)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CD214A-B230LLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B20 BOURNS-CD214A-B20 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B20LF BOURNS-CD214A-B20LF Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220LR BOURNS-CD214A-B220LR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220R BOURNS-CD214A-B220R Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214A-B230LLF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSD NIC-NSD Datasheet
347Kb / 5P
   Surface Mount Schottky Barrier Rectifi er Diode
logo
IXYS Corporation
DS75 IXYS-DS75 Datasheet
75Kb / 2P
   Rectifi er Diode Avalanche Diode
DS2 IXYS-DS2 Datasheet
72Kb / 2P
   Rectifi er Diode Avalanche Diode
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT150DL60B2 MICROSEMI-APT150DL60B2 Datasheet
134Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
   Ultrasoft Recovery Rectifi er Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com