Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1408-F1400 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD1408-F1400
Description  Surface Mount Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-F1400 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD1408-F1400 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-F1400 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-F1400 Datasheet HTML 3Page - Bourns Electronic Solutions CD1408-F1400 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD1408-F1200~F11000 – Surface Mount Rectifier Diode
Recommended Footprint
How To Order
CD 1408 - F 1 400
Common Code
CD = Chip Diode
Package
1408 = ~0.14 x 0.08 ˝
Function
F = Fast Rectifier
Forward Current I(AV)
1 = 1 A
Reverse Voltage
200 = 200 V
400 = 400 V
600 = 600 V
800 = 800 V
1000 = 1000 V
CD1408-F1200 ........................................................................ B1 FD
CD1408-F1400 ........................................................................ B1 FG
CD1408-F1600 ........................................................................ B1 FJ
CD1408-F1800 ........................................................................ B1 FK
CD1408-F11000 ...................................................................... B1 FM
Typical Part Marking
Product Dimensions
This is a lead free product, packaged with FRP substrate and is
epoxy underfilled. The terminals are pure tin plated and are
solderable per MIL-STD-750, Method 2026. The package weighs
approximately 0.02 g. The package and dimensions are shown
below.
The device will mount onto existing JEDEC SOD-87 footprint.
3.2 - 3.60
(0.126 - 0.142)
1.70 - 2.10
(0.067 - 0.083)
0.95 - 1.35
(0.037 - 0.053)
0.50 - 0.90
(0.020 - 0.035)
0.50 - 0.90
(0.020 - 0.035)
0.40
(0.016)
R
MM
(INCHES)
DIMENSIONS:
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - CD1408-F1400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-FF1 BOURNS-CD1408-FF1 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11000 BOURNS-CD1408-FF11000 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FF11500 BOURNS-CD1408-FF11500 Datasheet
182Kb / 5P
   CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
REV. 08/19
More results

Similar Description - CD1408-F1400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1408-FF1200 BOURNS-CD1408-FF1200 Datasheet
494Kb / 4P
   Surface Mount Rectifier Diode
CD1408-FU1400 BOURNS-CD1408-FU1400 Datasheet
520Kb / 4P
   Surface Mount Rectifier Diode
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150_13 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150 Datasheet
102Kb / 2P
   Surface Mount Schottky Rectifier Diode
logo
Bourns Electronic Solut...
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
logo
SUNMATE electronic Co.,...
SDM10K45 SUNMATE-SDM10K45 Datasheet
275Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER DIODE
logo
Bourns Electronic Solut...
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com