Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG0402MLU-3.3E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CG0402MLU-3.3E
Description  ESD Protectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0402MLU-3.3E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CG0402MLU-3.3E Datasheet HTML 1Page - Bourns Electronic Solutions CG0402MLU-3.3E Datasheet HTML 2Page - Bourns Electronic Solutions CG0402MLU-3.3E Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
ChipGuard® MLU Series - ESD Protectors
Packaging Dimensions
TOP
TAPE
NOTES: TAPE MATERIAL IS PAPER.
COVER TAPE ADHESION IS 40 ± 15 GRAMS.
TAPE THICKNESS IS
4.00 ± 0.10
(0.16 ± 0.004)
D
G
8.00 ± 0.30
(0.32 ± 0.012)
0.60 ± 0.05
(0.024 ± 0.002)
3.50 ± 0.05
(0.14 ± 0.002)
C
L
W
1.50 ± 0.10
(0.06 ± 0.004)
2.0 ± 0.50
(0.08 ± 0.02)
180.8 ± 2.0
(7.12 ± 0.08)
9.0 ± 0.50
(0.36 ± 0.02)
13.0 ± 1.0
(0.52 ± 0.04)
13.0 ± 0.50
(0.52 ± 0.02)
62.0 ± 1.50
(2.48 ± 0.06)
21.0 ± 0.80
(0.84 ± 0.032)
DIMENSIONS:
MM
(INCHES)
CG0402
CG0603
Dimension
Series
Series
C
1.75 ± 0.05
1.75 ± 0.10
(0.04 ± 0.002)
(0.04 ± 0.004)
D
2.00 ± 0.02
2.00 ± 0.05
(0.08 ± 0.0008)
(0.08 ± 0.002)
L
1.12 ± 0.03
1.80 ± 0.20
(0.045 ± 0.0012)
(0.072 ± 0.008)
W
0.62 ± 0.03
0.90 ± 0.20
(0.025 ± 0.0012)
(0.036 ± 0.008)
G
2.0 ± 0.05
4.0 ± 0.05
(0.08 ± 0.002)
(0.16 ± 0.002)
How to Order
CG 0n0n MLU - n.n x
ChipGuard®
Product Designator
Package Option
0402 = 0402 Package
0603 = 0603 Package
Multilayer Series Designator
Operating Voltage**
3.3 = 3.3 V
05 = 5 V
12 = 12 V
24 = 24 V
Tape & Reel Packaging
E =
5,000 pcs. per reel (0603 Package)
G =
10,000 pcs. per reel (0402 Package)
** Only models lower than 10 volts require
decimal point.
REV. K 06/13
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CG0402MLU-3.3E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
List of Unclassifed Man...
CG0402MLU-05G ETC2-CG0402MLU-05G Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
CG0402MLU-05G ETC2-CG0402MLU-05G_12 Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Bourns Electronic Solut...
CG0402MLU-12G BOURNS-CG0402MLU-12G Datasheet
231Kb / 3P
   ESD Protectors
CG0402MLU-12G BOURNS-CG0402MLU-12G Datasheet
725Kb / 1P
   Coaxial Port - ESD Protection
More results

Similar Description - CG0402MLU-3.3E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MLU BOURNS-MLU Datasheet
231Kb / 3P
   ESD Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
   ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0603MLC-3.3LE BOURNS-CG0603MLC-3.3LE Datasheet
298Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
CG0603MLC-12LE BOURNS-CG0603MLC-12LE Datasheet
206Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
logo
TDK Electronics
SGNE04 TDK-SGNE04 Datasheet
150Kb / 10P
   Chip Protectors For ESD protection
logo
Bourns Electronic Solut...
CG0603MLU-24E BOURNS-CG0603MLU-24E Datasheet
255Kb / 3P
   ChipGuard짰 MLU Series - ESD Protectors
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com