Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD07D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD07D
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD07D Datasheet(HTML) 4 Page - Texas Instruments

  SN75HVD07D Datasheet HTML 1Page - Texas Instruments SN75HVD07D Datasheet HTML 2Page - Texas Instruments SN75HVD07D Datasheet HTML 3Page - Texas Instruments SN75HVD07D Datasheet HTML 4Page - Texas Instruments SN75HVD07D Datasheet HTML 5Page - Texas Instruments SN75HVD07D Datasheet HTML 6Page - Texas Instruments SN75HVD07D Datasheet HTML 7Page - Texas Instruments SN75HVD07D Datasheet HTML 8Page - Texas Instruments SN75HVD07D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN65HVD05,SN65HVD06, SN65HVD07
SN75HVD05, SN75HVD06, SN75HVD07
SLLS533B – MAY 2002 – REVISED MAY 2003
www.ti.com
4
DRIVER SWITCHING CHARACTERISTICS NIL
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST
CONDITIONS
MIN
TYP(1)
MAX
UNIT
HVD05
6.5
11
tPLH
Propagation delay time, low-to-high-level output
HVD06
27
40
ns
tPLH
Pro agation delay time, low to high level out ut
HVD07
250
400
ns
HVD05
6.5
11
tPHL
Propagation delay time, high-to-low-level output
HVD06
27
40
ns
tPHL
Pro agation delay time, high to low level out ut
HVD07
250
400
ns
HVD05
RL = 54 Ω,
2.7
3.6
6
tr
Differential output signal rise time
HVD06
RL = 54 Ω,
CL = 50 pF,
18
28
55
ns
tr
Differential out ut signal rise time
HVD07
CL 50 F,
See Figure 4
150
300
450
ns
HVD05
2.7
3.6
6
tf
Differential output signal fall time
HVD06
18
28
55
ns
tf
Differential out ut signal fall time
HVD07
150
300
450
ns
HVD05
2
tsk(p)
Pulse skew (|tPHL – tPLH|)
HVD06
2.5
ns
tsk( )
Pulse skew (|tPHL tPLH|)
HVD07
10
ns
HVD05
3.5
tsk(pp)(2)
Part-to-part skew
HVD06
14
ns
tsk( )(2)
Part to art skew
HVD07
100
ns
HVD05
25
tPZH1
Propagation delay time, high-impedance-to-high-level output
HVD06
45
ns
tPZH1
Pro agation delay time, high im edance to high level out ut
HVD07
RE at 0 V,
RL 110 Ω
250
ns
HVD05
RL = 110 Ω,
See Figure 5
25
tPHZ
Propagation delay time, high-level-to-high-impedance output
HVD06
See Figure 5
60
ns
tPHZ
Pro agation delay time, high level to high im edance out ut
HVD07
250
ns
HVD05
15
tPZL1
Propagation delay time, high-impedance-to-low-level output
HVD06
45
ns
tPZL1
Pro agation delay time, high im edance to low level out ut
HVD07
RE at 0 V,
RL 110 Ω
200
ns
HVD05
RL = 110 Ω,
See Figure 6
14
tPLZ
Propagation delay time, low-level-to-high-impedance output
HVD06
See Figure 6
90
ns
tPLZ
Pro agation delay time, low level to high im edance out ut
HVD07
550
ns
tPZH2
Propagation delay time, standby-to-high-level output
RL = 110 Ω,
RE at 3 V,
See Figure 5
6
µs
tPZL2
Propagation delay time, standby-to-low-level output
RL = 110 Ω,
RE at 3 V,
See Figure 6
6
µs
(1) All typical values are at 25
°C and with a 5-V supply.
(2) tsk(pp) is the magnitude of the differenceinpropagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, at the same temperature, and have identical packages and test circuits.


Similar Part No. - SN75HVD07D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD07D TI-SN75HVD07D Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN75HVD07DG4 TI-SN75HVD07DG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN75HVD07DR TI-SN75HVD07DR Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
SN75HVD07DRG4 TI-SN75HVD07DRG4 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD07D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05_07 Datasheet
475Kb / 24P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com