Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC-55BB Datasheet(PDF) 5 Page - Sony Corporation

Part # XC-55BB
Description  PROGRESSIVE SCAN CAMERA MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

XC-55BB Datasheet(HTML) 5 Page - Sony Corporation

  XC-55BB Datasheet HTML 1Page - Sony Corporation XC-55BB Datasheet HTML 2Page - Sony Corporation XC-55BB Datasheet HTML 3Page - Sony Corporation XC-55BB Datasheet HTML 4Page - Sony Corporation XC-55BB Datasheet HTML 5Page - Sony Corporation XC-55BB Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CONNECTIONS
VIDEO OUTPUT MODES
LO-75D can be
screwed out.
S
The signal output below can be obtained by selecting the signal switch on the rear panel.
1I Setting (1/60 sec. 2:1 Interlaced)
TV Standard Video Output/External Genlock
CCD Signal Output
2-line read out
VIDEO OUT
It can be connected a TV monitor
1N Setting (1/30 sec.Non-Interlaced)
Progressive Scan Video Output / External Genlock
CCD Signal Output
VIDEO OUT
XC55/55BB.QXP
99.9.21 3:05 PM
Page 6


Similar Part No. - XC-55BB

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
XC-232-C COOLGEAR-XC-232-C Datasheet
130Kb / 2P
   Dual Port USB to Serial RS-232 DB-9 Adapter Cable FTDI Chip
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Leach International Cor...
XC-A1A LEACH-XC-A1A Datasheet
679Kb / 5P
   RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
XC-A1A-XXX LEACH-XC-A1A-XXX Datasheet
679Kb / 5P
   RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
XC-A1B-XXX LEACH-XC-A1B-XXX Datasheet
679Kb / 5P
   RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
More results

Similar Description - XC-55BB

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9738 OMNIVISION-OV9738 Datasheet
602Kb / 2P
   scan mode: progressive
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
TM-1320A ETC-TM-1320A Datasheet
1Mb / 4P
   monochrome progressive scan CCD cameras
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
logo
Sony Corporation
CXD2460R SONY-CXD2460R Datasheet
341Kb / 36P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3611R SONY-CXD3611R Datasheet
429Kb / 49P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2434ATQ SONY-CXD2434ATQ Datasheet
521Kb / 26P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2437TQ SONY-CXD2437TQ Datasheet
590Kb / 33P
   Timing Generator for Progressive Scan CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com