Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

448XD2501ADC Datasheet(PDF) 4 Page - CTS Corporation

Part # 448XD2501ADC
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448XD2501ADC Datasheet(HTML) 4 Page - CTS Corporation

  448XD2501ADC Datasheet HTML 1Page - CTS Corporation 448XD2501ADC Datasheet HTML 2Page - CTS Corporation 448XD2501ADC Datasheet HTML 3Page - CTS Corporation 448XD2501ADC Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL
DIMENSIONS
L (Travel)
A
B
C
448X-20MS 20/ .787
27.50/1.083 47.20/1.859 49.20/1.937
DIMENSION:
mm
INCH
TYPE 448X MONO W/SPDT SWITCH
448 Series Actuator Styles
Ordering Information
448
U
E
2
102
B
D
MOUNTING STYLE
U- ACTUATOR PARALLEL TO
PC BOARD
X- ACTUATOR
PERPENDICULAR TO PC
BOARD
V- ACTUATOR (Low Profile)
PERPENDICULAR TO PCB
(mono only)
TRAVEL
U & X TYPES V-TYPE
A- 10mm
A- 10mm
B- 15mm
B- 15mm
C- 20mm
C- 25mm
D- 30mm
D- 40mm
E- 45mm
E- 55mm
F- 60mm
ACTUATOR STYLE
U & X TYPES
V-TYPE
2- STYLE A: 9.5mm
1- STYLE D: 3.35mm
3- STYLE B: 4.0mm
4- STYLE C: 5.0mm
RESISTANCE CODE
(EXAMPLES)
CODE
RESISTANCE
501
500 ohms
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
RESISTANCE
TOLERANCE
A- ±10%
B- ±20%
C- ±30%
TAPER
D- LINEAR
A- CW 10% AUDIO
B- CCW 10% AUDIO
SPECIALS
N- NO SPECIALS
C- CENTER DETENT
S- SPST POWER SWITCH
(20 & 30mm, X type only)
D- SPDT POWER SWITCH
(20 mm, X type and
9.5mm actuator only)
Consult CTS for dual resistance element, customized, or not listed features.
ACTUATOR CENTERLINE
.362
9.20
3.55
.140
.073
1.85
9.20
.094
2.40
.039
1.00
1
4
-.003
-0.08
+0.00
SWITCH FULL END
.039±.003
1.00±0.08(5)
C
B
3.80
.150
A
.020
0.50
.157
CTS
4.00
+0
.016±.002
0.40±0.04
.661
16.8
.197
5.0
.413
10.50
Ø1.50±0.10 (5)HL'S.
B
A
.059±.004
2
5
3
1.00
.039
.374
9.5 REF
+0
-.003
-0.08
+0.00
.071
1.80
2
4
1
3
5
.36
CIRCUIT
Ø2.10
2
4
5
1.2
1.8
5
9.50
90°
.197
.157
.079
.197
.071
.047
.374
5
.197
4
.157
2
.079
.079
2
.197
5
.157
4
2
.079
5
.197
.083
3.35
2.50
2.50
1.80
15°
.098
.098
.071
.020
0.50
.132
A
B
C
D
N
4 - 4
07/29/15
CTS Electrocomponents
www.ctscorp.com
(with style A actuator only)
© 2015 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 448XD2501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448XA1102AAC CTS-448XA1102AAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XA1102AAN CTS-448XA1102AAN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XA1102ADC CTS-448XA1102ADC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XA1102ADN CTS-448XA1102ADN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448XA1102BAC CTS-448XA1102BAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
More results

Similar Description - 448XD2501ADC

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com