Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP18390.1422255G Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP18390.1422255G
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP18390.1422255G Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP18390.1422255G Datasheet HTML 4Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 5Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 6Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 7Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 8Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 9Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 10Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 11Page - Vishay Siliconix MKP18390.1422255G Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MKP1839
www.vishay.com
Vishay Roederstein
Revision: 10-Dec-13
10
Document Number: 26022
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1B OTHER PART OF
SAMPLE OF SUB-GROUP C1
4.9
Shock
Mounting:
See section “Mounting” for more information
Pulse shape: Half sine
Acceleration: 490 m/s2
Duration of pulse: 11 ms
4.9.3
Final measurements
Visual examination
No visible damage
Capacitance
|
C/C|  2 % of the value measured in 4.6.1
Tangent of loss angle
Increase of tan
 0.002
Compared to values measured in 4.6.1
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
SUB-GROUP C1 COMBINED SAMPLE
OF SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.10
Climatic sequence
4.10.2
Dry heat
Temperature: Upper category temperature
Duration: 16 h
4.10.3
Damp heat cyclic
Test Db, first cycle
4.10.4
Cold
Temperature: Lower category temperature
Duration: 2 h
4.10.6
Damp heat cyclic
Test Db, remaining cycles
Visual examination
No visible damage
Legible marking
4.10.6.2 Final measurements
Capacitance
|
C/C|  3 % of the value measured in 
4.4.2 or 4.9.3
Tangent of loss angle
Increase of tan
 0.003
Compared to values measured in
4.3.1 or 4.6.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C2
4.11
Damp heat steady state
Capacitance
4.11.1
Initial measurements
Tangent of loss angle at 1 kHz
4.11.3
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  3 % of the value measured in 4.11.1.
Tangent of loss angle
Increase of tan
 0.001
Compared to values measured in 4.11.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP18390.1422255G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839 VISHAY-MKP1839 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839-422-403-G VISHAY-MKP1839-422-403-G Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-422-403-R VISHAY-MKP1839-422-403-R Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1839-522-403 VISHAY-MKP1839-522-403 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP18390.1422255G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com