Electronic Components Datasheet Search |
|
ECEA0GKA101 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECEA0GKA101 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors (Radial Lead Type) 0D±0.5 Sleeve 14 min. 3 min. L±1.0 + – ● Endurance : 85 °C 1000 h ● 7 mm height ● RoHS compliant Features Radial Lead Type Series : KA Type : A Specifications Frequency correction factor for ripple current 0D4 5 6.3 8 0d 0.45 0.45 0.45 0.45 F 1.5 2.0 2.5 2.5 (Unit : mm) Dimensions Category temperature range –40 °C to +85 °C Rated voltage range 4 V.DC to 50 V.DC Capacitance range 2.2 µF to 470 µF Capacitance tolerance ±20 % (120 Hz/+20 °C) Leakage current I < 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater) Dissipation factor (tan d) Please see the attached characteristics list Endurance After applying rated working voltage for 1000 hours at +85 °C±2 °C when the capacitors are restored to 20 °C, capacitors shall meet the following limits. Capacitance change Within ±20 % of the initial value tan d < 200 % of the initial limit DC leakage current Within the initial limit Shelf life After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment) M KA 7 mm height ↑ Low Profile Frequency (Hz) 50, 60 120 1 k 10 k to Correction factor 0.70 1.00 1.30 1.70 Mar. 2016 04 |
Similar Part No. - ECEA0GKA101 |
|
Similar Description - ECEA0GKA101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |