Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH6244HC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWH6244HC
Description  Metallized Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH6244HC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWH6244HC Datasheet HTML 1Page - Panasonic Semiconductor ECWH6244HC Datasheet HTML 2Page - Panasonic Semiconductor ECWH6244HC Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
11
E
C
W
H6
Product code
Dielectric &
construction
Suffix
Rated voltage
Capacitance
Suffix
Cap. Tol.
10
C
H
Code
Blank
C
Lead Form
Straight
Cut lead
H
±3 %
6
630 V.DC
1
2
3
4
5
6
7
8
9
11
E
C
W
H6
Product code
Dielectric &
construction
Cap. Tol.
Rated voltage
Capacitance
Suffix
Suffix
10
HC
R
1
2
3
4
5
6
7
8
9
11
E
C
W
H3
B
12
Product code
Dielectric &
construction
Rated voltage
Cap. Tol.
Capacitance
Suffix
10
JA
Code
A
Lead Form
Cut lead
J
±5 %
3B 1250 V.DC
C
1
2
3
4
5
6
7
8
9
11
E
C
W
H3
F
12
Product code
Dielectric &
construction
Rated voltage
Cap. Tol.
Capacitance
Suffix
10
J
Code
Blank
D
Lead Form
Straight
Cut lead
J
±5 %
3F
3000 V.DC
C
Excellent electrical characteristics
Low loss
Flame-retardant epoxy resin coating
RoHS directive compliant
General resonance circuit (630 V.DC, 1250 V.DC)
Resonance circuits for microwave oven and IH cooker (630 V.DC, 1250 V.DC)
Resonance circuits for microwave oven (630 V.DC, 1250 V.DC)
General high voltage circuit (3000 V.DC)
Rated voltage 630 V.DC (Odd size taping)
Rated voltage 1250 V.DC (Cut lead)
Rated voltage 3000 V.DC (Bulk)
Rated voltage 630 V.DC (Bulk)
Non-inductive construction using metallized polypropylene film
with flame retardant epoxy resin coating
Features
Metallized Polypropylene
Film Capacitor
Type : ECWH(C)
Recommended applications
Explanation of part number
Feb. 2016
01


Similar Part No. - ECWH6244HC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH6284HC PANASONIC-ECWH6284HC Datasheet
289Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECWH6244HC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com