Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH6244HC Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH6244HC
Description  Metallized Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH6244HC Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH6244HC Datasheet HTML 1Page - Panasonic Semiconductor ECWH6244HC Datasheet HTML 2Page - Panasonic Semiconductor ECWH6244HC Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
L max.
Marking
F±1.0
T max.
00.80±0.05
Copper wire or
copper-clad steel wire
Straight
Marking
Cut lead
(Suffix C)
Marking
Cut lead
(Suffix D)
Marking
Cut lead
(Suffix A)
F
Style E
P
P0
Unit : mm
Packing quantity : 100 pcs./bag
✽ Refer to the page of taping specifications.
Taping style
Category temp. range
(Including temperature-rise on unit surface)
630 V.DC
– 40 °C to +105 °C : General resonance circuit
– 40 °C to +85 °C : When using compulsive air cooling for a resonance circuit
1250 V.DC
– 40 °C to +105 °C : General resonance circuit
– 40 °C to +85 °C : When using compulsive air cooling for a resonance circuit
3000 V.DC – 40 °C to +85 °C : General high voltage circuit
Rated voltage
630 VDC, 1250 VDC, 3000 VDC
Capacitance range
630 V.DC 0.10 μF to 0.33 μF
1250 V.DC 0.08 μF to 0.12 μF
3000 V.DC 0.0024 μF to 0.01 μF
Capacitance tolerance
630 V.DC ±3 %(H)
1250 V.DC ±5 %(J)
3000 V.DC ±5 %(J)
Dissipation factor (tan
d)
630 V.DC tan d < 0.05 % ( 20 °C, 1 kHz )
tan
d < 0.1 % ( 20 °C, 10 kHz )
1250 V.DC
3000 V.DC tan
d < 0.1 % ( 20 °C, 1 kHz ), tan d < 0.1 % ( 20 °C, 10 kHz )
Withstand voltage
Between terminals : Rated volt. (V.DC)
×150 %, 60 s
Insulation resistance (IR)
630 V.DC
IR
> 9000 MΩ (20 °C, 500 V.DC, 60 s)
1250 V.DC
3000 V.DC
IR
> 50000 MΩ (20 °C, 500 V.DC, 60 s)
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Type
Rated voltage
(V.DC)
Capacitance range
(μF)
Taping style
Packing
AD AS BC DE
ECWH(C)
630
0.10 to 0.33
Ammo
Taping style
Lead spacing
Style
Lead spacing
E
7.5 mm
✽ See the column “Rating · Dimensions · Quantity” for packing quantity
Specifications
Dimensions
Packaging specifications for bulk package
Taping specifications for automatic insertion
Feb. 2016
01


Similar Part No. - ECWH6244HC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH6284HC PANASONIC-ECWH6284HC Datasheet
289Kb / 6P
   Plastic Film Capacitors
More results

Similar Description - ECWH6244HC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com