Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWH8473HA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH8473HA
Description  Metallized Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH8473HA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH8473HA Datasheet HTML 1Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 2Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
L max.
Marking
F±1.0
T max.
0d±0.05
Copper-clad
steel-wire
L max.
S±0.8
Marking
Crimped lead
(Suffix B)
Straight
Marking
Cut lead
(Suffix C)
Crimped lead
(Suffix Q)
L max.
S±0.8
Marking
F
Style E
P
P0
Unit : mm
Packing quantity : 100 pcs./bag
✽ Refer to the page of taping specifications.
Taping specifications for automatic insertion
Taping style
Type
Rated voltage
(V.DC)
Capacitance range
(μF)
Taping style
Packing
suffix
AD AS BC DE
ECWH(A)
800
0.010 to 0.047
Ammo
R( ) A
1600
0.0010 to 0.047
( ) 4
Taping style
Lead spacing
Style
Lead spacing
E
7.5 mm
Category temp. range
(Including temperature-rise on unit surface)
– 40 °C to +105 °C
Rated voltage
800 V.DC
1600 V.DC
Capacitance range
0.010 μF to 0.047 μF
0.0010 μF to 0.047 μF
Capacitance tolerance
±3 %(H)
±3 %(H), ±5 %(J)
Dissipation factor (tan
d)
tan
d < 0.1 % ( 20 °C, 1 kHz )
Withstand voltage
Between terminals : Rated volt. (V.DC)
×150 %, 60 s
Insulation resistance (IR)
IR
> 30000 MΩ (20 °C, 500 V.DC, 60 s)
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Part No.
Cap.
(μF)
Dimensions (mm)
Min. order Q'ty
L max. T max.
H max.
F
S
fd
Taping
Bulk
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
7.5 mm
ECWH8103HA( )
0.010
15.4
5.4
9.8
14.8
14.8
12.5
7.5
12.5
0.6
500
500
ECWH8123HA( )
0.012
15.4
5.8
10.2
15.2
15.2
12.5
7.5
12.5
0.6
ECWH8153HA( )
0.015
15.4
6.2
10.6
15.6
15.6
12.5
7.5
12.5
0.6
ECWH8183HA( )
0.018
15.7
6.6
11.0
16.0
18.0
12.5
7.5
12.5
0.8
ECWH8223HA( )
0.022
15.7
7.1
11.5
16.5
18.5
12.5
7.5
12.5
0.8
400
ECWH8273HA( )
0.027
15.7
7.6
12.0
17.0
19.0
12.5
7.5
12.5
0.8
ECWH8333HA( )
0.033
15.7
8.4
12.8
17.8
19.8
12.5
7.5
12.5
0.8
300
ECWH8393HA( )
0.039
15.7
8.9
13.3
18.3
20.3
12.5
7.5
12.5
0.8
ECWH8473HA( )
0.047
15.7
9.7
14.1
19.1
21.1
12.5
7.5
12.5
0.8
✽ H : Capacitance tolerance code
( ) : Suffix for lead crimped taped type
Rated voltage : 800 V.DC, Capacitance tolerance : ±3 %(H)
Dimensions
Packaging specifications for bulk package
Specifications
Rating · Dimensions · Quantity
Feb. 2016
01


Similar Part No. - ECWH8473HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
204Kb / 2P
   Plastic Film Capacitors
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
332Kb / 7P
   Metallized Polypropylene Film Capacitors
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
332Kb / 7P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECWH8473HA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com