Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA1CN470U Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEA1CN470U
Description  Radial Lead Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1CN470U Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEA1CN470U Datasheet HTML 1Page - Panasonic Semiconductor ECEA1CN470U Datasheet HTML 2Page - Panasonic Semiconductor ECEA1CN470U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+85 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽i
50
2.2
5
11
18
0.15
0.5
2.0
5.0
2.5
ECEA1HN2R2U( )
200
2000
3.3
5
11
25
0.15
0.5
2.0
5.0
2.5
ECEA1HN3R3U( )
200
2000
4.7
5
11
30
0.15
0.5
2.0
5.0
2.5
ECEA1HN4R7U( )
200
2000
10
6.3
11.2
50
0.15
0.5
2.5
5.0
2.5
ECEA1HN100U( )
200
2000
22
8
11.5
90
0.15
0.6
3.5
5.0
ECEA1HN220U( )
200
1000
33
8
11.5
110
0.15
0.6
3.5
5.0
ECEA1HN330U( )
200
1000
47
10
12.5
140
0.15
0.6
5.0
5.0
ECEA1HN470U( )
200
500
100
10
20
250
0.15
0.6
5.0
5.0
ECEA1HN101U( )
200
500
220
12.5
25
360
0.15
0.6
5.0
5.0
ECEA1HN221U( )
200
500
330
16
25
450
0.15
0.8
7.5
7.5
ECEA1HN331U( )
100
250
470
16
31.5
590
0.15
0.8
7.5
ECEA1HN471U
100
· When requesting taped product, please put the letter “B” or “i” between the “( )”. Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Characteristics list (Bi-polar)
Endurance : 85 °C 2000 h (1000 hours for each polarity)
Mar. 2016
04


Similar Part No. - ECEA1CN470U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1CN470U PANASONIC-ECEA1CN470U Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1CN470U PANASONIC-ECEA1CN470U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1CN470U PANASONIC-ECEA1CN470U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
More results

Similar Description - ECEA1CN470U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com