Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS3923-081LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMS3923-081LF
Description  Surface Mount General Purpose Schottky Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3923-081LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMS3923-081LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMS3923-081LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET • SMS392x SCHOTTKY DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200042AA • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Table 2. SMS392x Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
c
Rated VB
V
Forward current
IF
50
mA
Power dissipation @ 25
°C lead temperature
PD
75
mW
Storage temperature
TSTG
–65
+150
C
Operating temperature
TA
–65
+150
C
Junction temperature
TJ
+150
C
Electrostatic discharge:
Charged Device Model (CDM), Class 1
Human Body Model (HBM), Class 0
Machine Model (MM), Class A
ESD
<200
<50
<50
V
V
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMS392x Series Electrical Specifications (Note 1)
(TA = +25
C, Per Junction Unless Otherwise Noted)
Part Number
VB @ 10
μA
(V, Minimum)
IR
CT @ 0 V
(pF)
VF @ 1 mA
(mV)
Pair Configuration
ΔVF @ 1 mA
(mV, Maximum)
VF,
Maximum
SMS3922 series
8
<100 nA @ 1 V
0.63 to 1.03
280 to 340
10
<450 mV @ 10 mA
SMS3923 series
20
<500 nA @ 15 V
0.83 to 1.30
310 to 370
10
<1000 mV @ 35 mA
SMS3924 series
70
<200 nA @ 50 V
1.43 to 1.83
490 to 550
10
<1000 mV @ 15 mA
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 4. SPICE Model Parameters
Parameter
Units
SMS3922 Series
SMS3923 Series
SMS3924 Series
IS
A
3E-8
5E-9
2E-11
RS
Ω
9
10
11
N
1.08
1.05
1.08
TT
sec
8E-11
8E-11
8E-11
CJO
pF
0.7
0.9
1.5
M
0.26
0.24
0.40
EG
eV
0.69
0.69
0.69
XTI
2
2
2
FC
0.5
0.5
0.5
BV
V
20
46
100
Ibv
A
1E-5
1E-5
1E-5
VJ
V
0.595
0.640
0.840


Similar Part No. - SMS3923-081LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
Skyworks Solutions Inc.
SMS3925-079 SKYWORKS-SMS3925-079 Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
SMS3925-079LF SKYWORKS-SMS3925-079LF Datasheet
127Kb / 3P
   Low Capacitance, High-Voltage Schottky Diode
logo
Alpha Industries
SMS3926-022 ALPHA-SMS3926-022 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
More results

Similar Description - SMS3923-081LF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
   SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 PHILIPS-1PS70SB40 Datasheet
136Kb / 21P
   General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com