Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6021SK3-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMNH6021SK3-13
Description  Fast Switching Speed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6021SK3-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMNH6021SK3-13 Datasheet HTML 1Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 2Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 3Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 4Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 5Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 6Page - Diodes Incorporated DMNH6021SK3-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMNH6021SK3
Document number: DS37402 Rev. 1 - 2
3 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6021SK3
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 8V
V
GS = 10V
0
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 175
oC
5.00
10.00
15.00
20.00
25.00
30.00
5
10
15
20
25
30
35
40
45
50
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs Drain Current and
Gate Voltage
V
GS = 10V
V
GS = 4.5V
5
10
15
20
25
30
35
40
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 12A
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
45
50
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs Drain Current and
Temperature
V
GS = 10V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 175
oC
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 4.5V, ID = 12A
V
GS = 10V, ID = 12A


Similar Part No. - DMNH6021SK3-13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMNH6021SK3 ISC-DMNH6021SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH6021SK3Q DIODES-DMNH6021SK3Q Datasheet
355Kb / 7P
   Fast Switching Speed
DMNH6021SK3Q-13 DIODES-DMNH6021SK3Q-13 Datasheet
355Kb / 7P
   Fast Switching Speed
More results

Similar Description - DMNH6021SK3-13

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com