Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17D158CV Datasheet(PDF) 10 Page - Exar Corporation

Part # XR17D158CV
Description  UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D158CV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR17D158CV Datasheet HTML 6Page - Exar Corporation XR17D158CV Datasheet HTML 7Page - Exar Corporation XR17D158CV Datasheet HTML 8Page - Exar Corporation XR17D158CV Datasheet HTML 9Page - Exar Corporation XR17D158CV Datasheet HTML 10Page - Exar Corporation XR17D158CV Datasheet HTML 11Page - Exar Corporation XR17D158CV Datasheet HTML 12Page - Exar Corporation XR17D158CV Datasheet HTML 13Page - Exar Corporation XR17D158CV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
XR17D158
xr
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
REV. 1.2.1
10
FIGURE 4. TYPICAL APPLICATIONS IN AN EMBEDDED SYSTEM
Example 1
VIO = 3.3V, VCC = 5V
PCI
Local
Bus
Interface
UART Channel 7
UART Channel 6
UART Channel 5
UART Channel 4
UART Channel 3
UART Channel 2
UART Channel 1
UART Channel 0
UART Core Logic
VCC = 5V
VIO = 5V
CLK
(up to 33.34MHz)
Max Crystal Frequency = 24MHz
Max External Clock = 50MHz
VIO = 3.3V
Example 2
VIO = 5V, VCC = 5V
PCI
Local
Bus
Interface
UART Channel 7
UART Channel 6
UART Channel 5
UART Channel 4
UART Channel 3
UART Channel 2
UART Channel 1
UART Channel 0
UART Core Logic
VCC = 5V
CLK
(up to 33.34MHz)
Max Crystal Frequency = 24MHz
Max External Clock = 50MHz


Similar Part No. - XR17D158CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D158CV EXAR-XR17D158CV Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
More results

Similar Description - XR17D158CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com