Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP32D5LFA-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP32D5LFA-7B
Description  ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP32D5LFA-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP32D5LFA-7B Datasheet HTML 1Page - Diodes Incorporated DMP32D5LFA-7B Datasheet HTML 2Page - Diodes Incorporated DMP32D5LFA-7B Datasheet HTML 3Page - Diodes Incorporated DMP32D5LFA-7B Datasheet HTML 4Page - Diodes Incorporated DMP32D5LFA-7B Datasheet HTML 5Page - Diodes Incorporated DMP32D5LFA-7B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP32D5LFA
Document Number: DS37119 Rev. 3 - 2
2 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP32D5LFA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-0.3
-0.2
A
Pulsed Drain Current (Note 6)
IDM
-1.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady State
PD
360
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
353
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-100
nA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-0.4
-1.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance (Note 7)
RDS(on)
0.9
1.5
Ω
VGS = -4.5V, ID = -200mA
1.2
2.5
VGS = -2.5V, ID = -100mA
2.5
7.5
VGS = -1.8V, ID = -50mA
Diode Forward Voltage (Note 8)
VSD
-1.0
V
VGS = 0V, IS = -10mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
40.9
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
4.7
pF
Reverse Transfer Capacitance
Crss
3.6
pF
Total Gate Charge
Qg
0.7
nC
VGS = -4.5V, VDS = -15V,
ID = -200mA
Gate-Source Charge
Qgs
0.1
nC
Gate-Drain Charge
Qgd
0.2
nC
Turn-On Delay Time
tD(on)
20
ns
VDS = -15V, ID = -200mA
VGS = -4.5V, RG = 6Ω
Turn-On Rise Time
tr
40
ns
Turn-Off Delay Time
tD(off)
144
ns
Turn-Off Fall Time
tf
58
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on minimum recommended pad layout test board, 10μs pulse duty cycle = 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP32D5LFA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP32D5LFA DIODES-DMP32D5LFA_15 Datasheet
359Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP32D5LFA-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
   ESD Protected
logo
Alpha & Omega Semicondu...
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
   ESD protected
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
   ESD protected
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
   ESD Protected Gate
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
   ESD Protected Gate
DMN3018SFG DIODES-DMN3018SFG Datasheet
266Kb / 6P
   ESD Protected Gate
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
   ESD Protected:1000V
logo
Diodes Incorporated
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
   ESD Protected Gate
logo
Unisonic Technologies
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com