Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-2212 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR-2212
Description  Precision Phase-Locked Loop
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Datasheet(HTML) 4 Page - Exar Corporation

  XR-2212 Datasheet HTML 1Page - Exar Corporation XR-2212 Datasheet HTML 2Page - Exar Corporation XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
XR-2212
4
Rev. 2.01
ELECTRICAL CHARACTERISTICS (CONT’D)
Parameter
XR-2212M/2212P
XR-2212CP
Units
Conditions
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Conditions
Input Preamp Section
Measured at Pin 2
Input Impedance
20
20
k
W
Input Signal to Cause Limiting
2
10
2
mV rms
Op Amp Section
Voltage Gain
55
70
55
70
dB
RL = 5.1kW, RF = R
Input Bias Current
0.1
1
0.1
1
mA
Offset Voltage
+5
+20
+5
+20
mV
Slew Rate
2
2
V/
msec
Internal Reference
Measured at Pin 11
Voltage Level
4.9
5.3
5.7
4.75
5.3
5.85
V
Output Impedance
100
100
W
AC Small Signal
Maximum Source Current
80
80
WA
Notes
1 For XR-2212P the parameters, although guaranteed over the recommended operating conditions, are not 100% tested in
production.
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Power Supply
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Level
3V rms
. . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation:
Ceramic Package:
750mW
. . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = + 25°C
6mW/
°C
. . . . . . . .
Plastic Package:
625mW
. . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = + 25°C
5mW/
°C
. . . . . . . .
SYSTEM DESCRIPTION
The XR-2212 is a complete PLL system with buffered
inputs and outputs, an internal reference, and an
uncommitted op amp. Two VCO outputs are pinned out;
one sources current, the other sources voltage. This
enables operation as a frequency synthesizer using an
external programmable divider. The op amp section can
be used as an audio preamplifier for FM detection or as a
high speed sense amplifier (comparator) for FSK
demodulation. The center frequency, bandwidth, and
tracking range of the PLL are controlled independently by
external components. The PLL output is directly
compatible with CMOS, HCMOS and TTL logic families
as well as microprocessor peripheral systems.
The precision PLL system operates over a supply voltage
range of 4.5V to 20V, a frequency range of 0.01Hz to
300kHz, and accepts input signals in the range of 2mV to
3V rms. Temperature stability of the VCO is typically
better than 20 ppm/
°C with the optimum timing resistor
value.


Similar Part No. - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212CP EXAR-XR-2212CP Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
More results

Similar Description - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com