Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-2212 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-2212
Description  Precision Phase-Locked Loop
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Datasheet(HTML) 5 Page - Exar Corporation

  XR-2212 Datasheet HTML 1Page - Exar Corporation XR-2212 Datasheet HTML 2Page - Exar Corporation XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XR-2212
5
Rev. 2.01
+
-
Op Amp
Phase
Detector
Loop
Filter
Pre
Amp
0-DET
Input
Signal
Input
AMP
VCO
Voltage
Output
VCO
Current
Output
VCO
Phase
Quadrature
Output
Figure 2. Functional Block Diagram of XR-2212 Precision PLL System
VCC
8
CO
RL
5.6K
Demod
Output
6
C1
10
RF
9
7
RC
0.1
mF
Input
Signal
2
Phase
Detector
16
5
%N
0.1
mF
External
Divider
(Optional)
VCO
14
13
12
R1
R0
CO
0.1
mF
R3
11
Internal
Reference
Figure 3. Generalized Circuit Connection for FM Detection, Signal
Tracking or Frequency Synthesis


Similar Part No. - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212CP EXAR-XR-2212CP Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
More results

Similar Description - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com