Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-2212 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR-2212
Description  Precision Phase-Locked Loop
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR-2212 Datasheet HTML 2Page - Exar Corporation XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation XR-2212 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
XR-2212
6
Rev. 2.01
Reference
Output
Voltage
11
Vcc
1
Loop
Detector
10
Output
Phase
Phase
Detector
16
Input
30K
30K
Signal
Input
2
Non
Inv
Inp
9
Amp
Out
8
Internal Voltage Reference
VCO
Out
5
Phase Detector
2K
A
A1
Input Preamplifier
2K
A
14
13
A1
Timing
Capacitor
5K
5K
Timing
Resistor
12
5K
5K
VCO
Quad
Out
15
VCO
Current
Output
3
Inv
Inp
7
Comp
6
GND
4
Op Amp
Figure 4. Simplified Circuit Schematic of XR-2212
C0
RO


Similar Part No. - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212CP EXAR-XR-2212CP Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212M EXAR-XR-2212M Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
More results

Similar Description - XR-2212

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2212 EXAR-XR-2212_06 Datasheet
184Kb / 20P
   Precision Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com