Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C854IJ Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16C854IJ
Description  QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C854IJ Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16C854IJ Datasheet HTML 2Page - Exar Corporation XR16C854IJ Datasheet HTML 3Page - Exar Corporation XR16C854IJ Datasheet HTML 4Page - Exar Corporation XR16C854IJ Datasheet HTML 5Page - Exar Corporation XR16C854IJ Datasheet HTML 6Page - Exar Corporation XR16C854IJ Datasheet HTML 7Page - Exar Corporation XR16C854IJ Datasheet HTML 8Page - Exar Corporation XR16C854IJ Datasheet HTML 9Page - Exar Corporation XR16C854IJ Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
XR16C854
6
Rev. 1.00P
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
100
64
type
UARTs (A-D) are enabled when the -CS pin is a logic 0. An
individual UART channel is selected by the data contents of
address bits A3-A4. When the 16 mode is selected (68/100
pin devices), this pin functions as -CSA, see definition under
-CS A-B. This pin is not available on 64 pin packages which
operate in the 16 mode only.
-CS A-B
16,20 13,17
7,11
-CS C-D
50,54 64,68 38,42
I
Chip Select A, B, C, D (active low) - This function is
associated with the 16 mode only, and for individual chan-
nels, “A” through “D.” When in 16 Mode, these pins enable
data transfers between the user CPU and the XR16C854 for
the channel(s) addressed. Individual UART sections (A, B,
C, D) are addressed by providing a logic 0 on the respective
-CS A-D pin. When the 68 mode is selected, the functions
of these pins are reassigned. 68 mode functions are de-
scribed under the their respective name/pin headings.
-CSRDY
-
76
-
I
Control Status Ready (active low) - This feature is available
on 100 pin QFP packages only. On 100 pin packages, the
Contents of the FIFORDY Register is read when this pin is
a logic 0. However it should be noted, D0-D3 will contain the
inverted logic states of TXRDY, status bits A-D, and D4-D7
the inverted logic states of RXRDY, status bits D4-D7.
D0-D2
66-68 88-90 53-55
I/O
D3-D7
1-5
91-95 56-60
Data Bus (Bi-directional) - These pins are the eight bit, three
state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
GND
6,23
96,20 14,28
GND
40,57 46,71 45,61
Pwr
Signal and power ground.
INT A-B
15,21 12,18
6,12
INT C-D
49,55 63,69 37,43
O
Interrupt A, B, C, D (active high) - This function is associated
with the 16 mode only. These pins provide individual
channel interrupts, INT A-D. INT A-D are enabled when
MCR bit-3 is set to a logic 1, interrupts are enabled in the
interrupt enable register (IER), and when an interrupt con-


Similar Part No. - XR16C854IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C854IJ EXAR-XR16C854IJ Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854IJ EXAR-XR16C854IJ Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C854IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com