Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1V560 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFC1V560
Description  Radial Lead Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1V560 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFC1V560 Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1V560 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Case size/ Impedance/ Ripple current
Rated voltage
(V.DC)
6.3 V.DC to 35 V.DC
50 V.DC
63 V.DC
100 V.DC
Case size
(mm)
(0D×L)
Impedance
(
Ω)/(100 kHz)
Ripple
current
(mA r.m.s)
/(100 kHz)
Impedance
(
Ω)/(100 kHz)
Ripple
current
(mA r.m.s)
/(100 kHz)
Impedance
(
Ω)/(100 kHz)
Ripple
current
(mA r.m.s)
/(100 kHz)
Impedance
(
Ω)/(100 kHz)
Ripple
current
(mA r.m.s)
/(100 kHz)
20 °C –10 °C
20 °C –10 °C
20 °C –10 °C
20 °C –10 °C
4
× 7
2.00
5.00
65
5
× 70.950 2.40
120
6.3
× 7
0.450
1.20
200
5
× 11
0.800
1.60
175
✽✽
2.00
4.00
145
4.10
8.20
80
6.3
× 11.2
0.350
0.700
290
0.600
1.20
260
1.00
2.00
240
1.80
3.60
114
8
× 11.5
0.117
0.234
555
0.234
0.468
485
0.342
0.684
405
0.680
1.36
260
8
× 15
0.085
0.170
730
0.155
0.310
635
0.230
0.460
535
0.450
0.900
340
8
× 20
0.065
0.130
995
0.120
0.240
860
0.178
0.356
690
0.330
0.660
455
10
× 12.5
0.090
0.180
755
0.162
0.324
615
0.256
0.512
535
0.530
1.06
306
10
× 16
0.068
0.136
1050
0.119
0.238
850
0.194
0.388
600
0.360
0.720
400
10
× 20
0.052
0.104
1220
0.090
0.180
1030
0.147
0.294
885
0.240
0.480
463
10
× 25
0.045
0.090
1440
0.082
0.164
1200
0.130
0.260
1050
0.210
0.420
599
10
× 30
0.035
0.070
1815
0.060
0.120
1610
0.090
0.180
1300
0.150
0.300
698
12.5
× 15
0.065
0.130
1205
0.110
0.220
1150
0.150
0.300
1020
0.230
0.460
511
12.5
× 20
0.038
0.076
1655
0.063
0.126
1480
0.085
0.170
1285
0.180
0.360
671
12.5
× 25
0.030
0.060
1945
0.050
0.100
1832
0.070
0.140
1720
0.110
0.220
807
12.5
× 30
0.025
0.050
2310
0.040
0.080
2215
0.055
0.110
2090
0.098
0.196
937
12.5
× 35
0.022
0.044
2510
0.034
0.068
2285
0.047
0.094
2265
0.087
0.174
1040
12.5
× 40
0.018
0.036
2655
0.030
0.060
2590
0.042
0.084
2560
0.072
0.144
1130
16
× 15
0.043
0.086
1690
0.080
0.160
1610
0.090
0.180
1410
0.140
0.280
793
16
× 20
0.029
0.058
2205
0.048
0.096
1835
0.059
0.118
1765
0.110
0.220
995
16
× 25
0.022
0.044
2555
0.034
0.068
2235
0.050
0.100
2160
0.089
0.178
1170
16
× 31.5
0.018
0.036
3010
0.028
0.056
2700
0.043
0.086
2670
0.062
0.124
1520
16
× 35.5
0.016
0.032
3150
0.025
0.050
2790
0.036
0.072
2770
0.053
0.106
1730
16
× 40
0.015
0.030
3360
0.023
0.046
2845
0.030
0.060
2825
0.047
0.094
1920
18
× 15
0.038
0.076
2000
0.068
0.136
1900
0.086
0.172
1690
0.120
0.240
917
18
× 20
0.028
0.056
2490
0.042
0.084
2420
0.055
0.110
2290
0.080
0.160
1230
18
× 25
0.020
0.040
2740
0.029
0.058
2610
0.043
0.086
2585
0.070
0.140
1420
18
× 31.5
0.016
0.032
3635
0.025
0.050
3000
0.032
0.064
2950
0.062
0.124
1600
18
× 35.5
0.015
0.030
3680
0.023
0.046
3100
0.030
0.060
3095
0.041
0.082
1770
18
× 40
0.014
0.028
3735
0.025
0.050
3205
0.036
0.072
2300
Case size (mm)
(0D×L)
Capacitance
(µF)
Impedance (
Ω)/(100 kHz)
Ripple current
(mA r.m.s)(100 kHz)
20 °C
–10 °C
5
× 11
1.0
2.40
4.80
20
2.2
1.80
3.60
45
3.3
1.30
2.60
65
4.7
1.30
2.60
95
10
1.30
2.60
125
12
1.30
2.60
135
15
1.30
2.60
145
18
1.30
2.60
155
22
1.30
2.60
155
Mar. 2016
08


Similar Part No. - EEUFC1V560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1V560 PANASONIC-EEUFC1V560 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V560 PANASONIC-EEUFC1V560 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1V560 PANASONIC-EEUFC1V560 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1V560 PANASONIC-EEUFC1V560 Datasheet
125Kb / 10P
   Aluminum Electrolytic Capacitors/FC
EEUFC1V560B PANASONIC-EEUFC1V560B Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1V560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
   Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
   Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
   Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
   Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
   Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
   Radial Lead Type
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
   Radial Lead Type
logo
Panasonic Battery Group
EEUFR0J151 PANASONICBATTERY-EEUFR0J151 Datasheet
131Kb / 6P
   Radial Lead Type
Mar. 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com