Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC824 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZC824
Description  SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC824 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZC824 Datasheet HTML 1Page - Zetex Semiconductors ZC824 Datasheet HTML 2Page - Zetex Semiconductors ZC824 Datasheet HTML 3Page - Zetex Semiconductors ZC824 Datasheet HTML 4Page - Zetex Semiconductors ZC824 Datasheet HTML 5Page - Zetex Semiconductors ZC824 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
830 series
ISSUE 6 - JANUARY 2002
4


Similar Part No. - ZC824

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
ZC8240 AAC-ZC8240 Datasheet
77Kb / 1P
   Commercial Narrowband Voltage Controlled Oscillators
More results

Similar Description - ZC824

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
SMV1401 KNOX-SMV1401 Datasheet
37Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
KSV1401 KNOX-KSV1401 Datasheet
35Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com