Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0279B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0279B
Description  Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0279B Datasheet(HTML) 2 Page - CTS Corporation

  CER0279B Datasheet HTML 1Page - CTS Corporation CER0279B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16
0.215"/5.45
0.335"/8.50
0.118"/3.00
0.315"/8.00
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
0.9
REEL QUANTITY
ea.
1000
Customer Feed Direction
Product Marking
CTS
79B
YWW
CER0279B
3425 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Rev 0 – Origin Date: April 21, 2006 – Revision Date: April 21, 2006, 2006
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
8.4
Max
B
5.3
Max
C
1.5
0.13
D
0.7
0.13
E
0.79
0.13
F
2.44
0.13
G
2.44
0.13
H
3.0
Max
I
0.97
0.13
J
1.02
0.13
K
0.7
0.13
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3200
3250
3300
3350
3400
3450
3500
3550
3600
3650
3700
-25
-15
-5
5
15
25


Similar Part No. - CER0279B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0273A CTS-CER0273A Datasheet
112Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0273B CTS-CER0273B Datasheet
116Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0274A CTS-CER0274A Datasheet
369Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0274B CTS-CER0274B Datasheet
354Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0276A CTS-CER0276A Datasheet
102Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - CER0279B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0183A CTS-CER0183A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293B CTS-CER0293B Datasheet
56Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0312A CTS-CER0312A Datasheet
201Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0273B CTS-CER0273B Datasheet
116Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293A CTS-CER0293A Datasheet
104Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0307B CTS-CER0307B Datasheet
88Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0311B CTS-CER0311B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0342A CTS-CER0342A Datasheet
208Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0373B CTS-CER0373B Datasheet
83Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0309B CTS-CER0309B Datasheet
218Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com