Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZN428D Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZN428D
Description  8-BIT LATCHED INPUT D-A CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN428D Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  ZN428D Datasheet HTML 1Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 2Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 3Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 4Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN428D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ZN428
BIPOLAR ADJUSTMENT PROCEDURE
(i) Set all bits to OFF (low) with ENABLE low and adjust
offset until the amplifier output reads -full-scale.
(ii) Set all bits ON (high) and adjust gain until the
amplifier output reads +(full-scale - 1LSB).
BIPOLAR SETTING UP POINTS
1LSB = 2FS
256
Input Range,
± FS
LSB
-FS
+(FS -
1LSB)
±5V
39.1 mV
-5.0000V
+4.9609V
±10V
78.1mV
-10.0000V
9.9219V
Fig.10 Bipolar operation - component values
BIPOLAR LOGIC CODING
Input Code
(Offset Binary)
Analog Output
(Nominal Value)
11111111
11111110
11000000
10000001
10000000
01111111
01000000
00000001
00000000
+(FS - 1LSB)
+(FS - 2 LSB)
+1/2 FS
+ 1LSB
0
-1 LSB
-1/2 FS
-(FS - 1LSB)
-FS
HEADQUARTERS OPERATIONS
GEC PLESSEY SEMICONDUCTORS
Cheney Manor, Swindon,
Wiltshire, United Kingdom. SN2 2QW
Tel: (0793) 518000
Fax: (0793) 518411
GEC PLESSEY SEMICONDUCTORS
P.O. Box 660017,
1500 Green Hills Road,
Scotts Valley, California 95067-0017,
United States of America.
Tel (408) 438 2900
Fax: (408) 438 5576
CUSTOMER SERVICE CENTRES
• FRANCE & BENELUX Les Ulis Cedex Tel: (1) 64 46 23 45 Fax: (1) 64 46 06 07
• GERMANY Munich Tel: (089) 3609 06-0 Fax: (089) 3609 06-55
• ITALY Milan Tel: (02) 66040867 Fax: (02)66040993
• JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
• NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 7023
• SOUTH EAST ASIA Singapore Tel: (65) 3827708 Fax: (65) 3828872
• SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
• TAIWAN, ROC Taipei Tel: 886 2 5461260 Fax: 886 2 7190260
• UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (0793) 518510 Fax: (0793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© GEC Plessey Semiconductors 1994 Publication No. DS3007 Issue No. 2.1 August 1994
TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be
regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The


Similar Part No. - ZN428D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN423 ETC-ZN423 Datasheet
240Kb / 8P
   PRECISION VOLTAGE REFERENCE SOURCE
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
ZN426E8DP14 ZARLINK-ZN426E8DP14 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
More results

Similar Description - ZN428D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN3020 ETC-MN3020 Datasheet
841Kb / 4P
   8-bit D/A Converter with Input Register
logo
API Technologies Corp
MN3020 APITECH-MN3020 Datasheet
847Kb / 4P
   8-bit D/A Converter with Input Register
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
   8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
   8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
   8-Bit Serial-Input Latched Drivers
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com