Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1012UCB9 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP1012UCB9
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1012UCB9 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP1012UCB9 Datasheet HTML 1Page - Diodes Incorporated DMP1012UCB9 Datasheet HTML 2Page - Diodes Incorporated DMP1012UCB9 Datasheet HTML 3Page - Diodes Incorporated DMP1012UCB9 Datasheet HTML 4Page - Diodes Incorporated DMP1012UCB9 Datasheet HTML 5Page - Diodes Incorporated DMP1012UCB9 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP1012UCB9
Document number: DS36844 Rev. 7 - 2
1 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP1012UCB9
P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary (Typ. @ VGS = -4.5V, TA = +25°C)
VDSS
RDS(on)
Qg
Qgd
ID
-8V
8.2m
8.1nC
1.8nC
-10A
Description
This 3
rd generation Lateral MOSFET (LD-MOS) is engineered to
minimize on-state losses and switch ultra-fast, making it ideal for high
efficiency power transfer. It uses Chip-Scale Package (CSP) to
increase power density by combining low thermal impedance with
minimal RDS(on) per footprint area.
Applications
DC-DC Converters
Battery Management
Load Switch
Features
LD-MOS Technology with the Lowest Figure of Merit:
RDS(on) = 8.2m
to Minimize On-State Losses
Qg = 8.1nC for Ultra-Fast Switching
Vgs(th) = -0.8V typ. for a Low Turn-On Potential
CSP with Footprint 1.5mm × 1.5mm
Height = 0.62mm for Low Profile
ESD = 6kV HBM Protection of Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-WLB1515-9
Terminal Connections: See Diagram Below
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP1012UCB9-7
U-WLB1515-9
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
U-WLB1515-9
Date Code Key
Year
2012
2013
2014
2015
2016
2017
2018
Code
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top-View
Pin Configuration
XW = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: B = 2014)
M or M = Month (ex: 9 = September)
Equivalent Circuit
G
S
S
D
D
D
S
S
S
U-WLB1515-9


Similar Part No. - DMP1012UCB9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1012UCB9 DIODES-DMP1012UCB9_15 Datasheet
237Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1012UCB9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com