Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1055UFDB-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP1055UFDB-13
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1055UFDB-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP1055UFDB-13 Datasheet HTML 1Page - Diodes Incorporated DMP1055UFDB-13 Datasheet HTML 2Page - Diodes Incorporated DMP1055UFDB-13 Datasheet HTML 3Page - Diodes Incorporated DMP1055UFDB-13 Datasheet HTML 4Page - Diodes Incorporated DMP1055UFDB-13 Datasheet HTML 5Page - Diodes Incorporated DMP1055UFDB-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP1055UFDB
Document number: DS36934 Rev.1 - 2
4 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMP1055UFDB
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125 150
-I = 1mA
D
-I = 250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 125°C
A
T= 85°C
A
T = -55°C
A
T= 25°C
A
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
DS
10
100
1000
10000
02
4
6
8
10
12
f = 1MHz
Coss
Crss
Ciss
Q , TOTAL GATE CHARGE (nC)
Figure 10 Gate-Charge Characteristics
g
0
5
10
15
20
25
V
= -10V
I= -4.7A
DS
D
-V , DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA Safe Operation Area
DS
R
Limited
DS(on)
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150°C
T = 25°C
V
= -4.5V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W


Similar Part No. - DMP1055UFDB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1055UFDB-13 DIODES-DMP1055UFDB-13 Datasheet
278Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1055UFDB-13

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com