Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1200UFR4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP1200UFR4
Description  Low On-Resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1200UFR4 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP1200UFR4 Datasheet HTML 1Page - Diodes Incorporated DMP1200UFR4 Datasheet HTML 2Page - Diodes Incorporated DMP1200UFR4 Datasheet HTML 3Page - Diodes Incorporated DMP1200UFR4 Datasheet HTML 4Page - Diodes Incorporated DMP1200UFR4 Datasheet HTML 5Page - Diodes Incorporated DMP1200UFR4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP1200UFR4
Document number: DS36557 Rev. 2 - 2
3 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP1200UFR4
V
DRAIN -SOURCE VOLTAGE (V)
DS ,
Figure 1 Typical Output Characteristics
0.0
3.0
6.0
9.0
V
= -4.5V
GS
12.0
15.0
0
0.5
1
1.5
2
2.5
3
V
= -4.0V
GS
V
= -8.0V
GS
V
= -3.0V
GS
V
= -1.8V
GS
V
= -1.5V
GS
V
= -1.2V
GS
V
= -1.0V
GS
V
GATE-SOURCE VOLTAGE (V)
GS,
Figure 2 Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
0.5
V
= -5.0V
DS
1
1.5
2
2.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
I , DRAIN SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= -1.5V
GS
0
0.05
0.1
0.15
0.2
0.25
0.3
0
V
= -2.5V
GS
3
6
9
12
15
V
= -1.8V
GS
V
= -4.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristic
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
8
I
= -1.0A
D
I = -500mA
D
I
= -2.0A
D
I
DRAIN SOURCE CURRENT (A)
D,
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
1
2
3
4
5
T = 125°C
A
6
7
8
9
10
V
= -4.5V
GS
T = 85°C
A
T = 150°C
A
T = 25°C
A
T = -55°C
A
T
JUNCTION TEMPERATURE ( C)
J,
Figure 6 On-Resistance Variation with Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
V
= -2.5V
GS
I = -2.0A
D
V
= -1.8V
GS
I = -1.0A
D


Similar Part No. - DMP1200UFR4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1200UFR4 DIODES-DMP1200UFR4_15 Datasheet
445Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1200UFR4

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com