Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2006UFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2006UFG
Description  Qualified to AEC-Q101 standards for High Reliability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2006UFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2006UFG Datasheet HTML 1Page - Diodes Incorporated DMP2006UFG Datasheet HTML 2Page - Diodes Incorporated DMP2006UFG Datasheet HTML 3Page - Diodes Incorporated DMP2006UFG Datasheet HTML 4Page - Diodes Incorporated DMP2006UFG Datasheet HTML 5Page - Diodes Incorporated DMP2006UFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP2006UFG
Document number: DS36802 Rev. 4 - 2
1 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DMP2006UFG
20V P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TC = +25°C
-20V
5.5m
Ω @ VGS = -4.5V
-40A
7.5m
Ω @ VGS = -2.5V
-40A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Load Switch
Power Management Functions
Features
Low RDS(ON) – ensures on state losses are minimized
Small form factor, thermally efficient package enables higher
density end products
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: POWERDI3333-8
Case Material: Molded Plastic, "Green" Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP2006UFG-7
POWERDI3333-8
2,000/Tape & Reel
DMP2006UFG-13
POWERDI3333-8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Equivalent Circuit
S
S
S
G
D
D
D
D
Pin 1
Top View
S47 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 13 = 2013)
WW = Week Code (01 ~ 53)
POWERDI3333-8
S47
D
S
G
POWERDI3333-8


Similar Part No. - DMP2006UFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2006UFG DIODES-DMP2006UFG Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG-13 DIODES-DMP2006UFG-13 Datasheet
434Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2006UFG-13 DIODES-DMP2006UFG-13 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG-7 DIODES-DMP2006UFG-7 Datasheet
434Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2006UFG-7 DIODES-DMP2006UFG-7 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2006UFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com