Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2021UFDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2021UFDF
Description  Low Gate Threshold Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2021UFDF Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2021UFDF Datasheet HTML 1Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 2Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 3Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 4Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 5Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 6Page - Diodes Incorporated DMP2021UFDF Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMP2021UFDF
Document number: DS37195 Rev. 3 - 2
3 of 7
www.diodes.com
April 2015
© Diodes Incorporated
DMP2021UFDF
V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
= -1.0V
GS
V
= -1.2V
GS
V
= -1.5V
GS
V
= -4.0V
GS
V
= -8.0V
GS
V
= -4.5V
GS
V
= -3.0V
GS
V
= -2.0V
GS
V
= -1.8V
GS
V
= -0.9V
GS
V
= -2.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS
I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.01
0.02
0.03
0.04
0
5
10
15
20
25
30
V
= -1.8V
GS
V
= -4.5V
GS
V
= -1.5V
GS
V
= -2.5V
GS
I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
2
4
6
8
10
12
14
16
18
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V
= -4.5V
GS
20
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 5 On-Resistance Variation with Temperature
0.4
0.8
1.2
1.6
2
-50
-25
0
25
50
75
100
125
150
V
= -1.8V
I = -5A
GS
D
V
= -2.5V
I = -10A
GS
D
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
V
= -2.5V
I =
A
GS
D
-10
V
=
V
I =
A
GS
D
-1.8
-5


Similar Part No. - DMP2021UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2021UFDF-13 DIODES-DMP2021UFDF-13 Datasheet
295Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2021UFDF-7 DIODES-DMP2021UFDF-7 Datasheet
295Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2021UFDF DIODES-DMP2021UFDF_15 Datasheet
295Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2021UFDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE Datasheet
247Kb / 7P
   Low Gate Threshold Voltage
DMN3016LFDE DIODES-DMN3016LFDE Datasheet
265Kb / 6P
   Low Gate Threshold Voltage
DMP31D0UFB4 DIODES-DMP31D0UFB4 Datasheet
478Kb / 7P
   Low Gate Threshold Voltage
DMN4020LFDE DIODES-DMN4020LFDE Datasheet
290Kb / 6P
   Low Gate Threshold Voltage
DMN1150UFL3 DIODES-DMN1150UFL3 Datasheet
661Kb / 7P
   Low Gate Threshold Voltage
DMN2011UFDE DIODES-DMN2011UFDE Datasheet
344Kb / 7P
   Low Gate Threshold Voltage
DMN24H11DS DIODES-DMN24H11DS Datasheet
395Kb / 6P
   Low Gate Threshold Voltage
DMN2022UFDF DIODES-DMN2022UFDF Datasheet
313Kb / 6P
   Low Gate Threshold Voltage
DMP31D0U DIODES-DMP31D0U Datasheet
514Kb / 7P
   Low Gate Threshold Voltage
DMN10H700S DIODES-DMN10H700S Datasheet
401Kb / 7P
   Low Gate Threshold Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com