Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22381SXC-JWKT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22381SXC-JWKT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SXC-JWKT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY22381SXC-JWKT Datasheet HTML 1Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 2Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 3Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 4Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 5Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 6Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 7Page - Cypress Semiconductor CY22381SXC-JWKT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 6 of 8
Test Circuit
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
CY22381FC
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381FCT
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381FI
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FIT
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SC-xxx[7]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381SC-xxxT[7]
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381SI-xxx[7]
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SI-xxxT[7]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY3672
Lead-Free
CY22381FXC
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXCT
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXI
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FXIT
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SXC-xxx[7]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXC-xxxT[7]
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXI-xxx[7]
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SXI-xxxT[7]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
Notes:
7. The CY22381SC-xxx and CY22381SI-xxx are factory programmed configurations. Factory programming is available for high-volume design opportunities of
100Ku/year or more in production. For more details, contact your local Cypress FAE or Cypress Sales Representative.
Switching Waveforms (continued)
SELECT
OLD SELECT
NEW SELECT STABLE
Fold
Fnew
t7
Frequency Change
OUTPUT
0.1 mF
VDD
CLKout
CLOAD
GND
OUTPUTS


Similar Part No. - CY22381SXC-JWKT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381SXC-XXX CYPRESS-CY22381SXC-XXX Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381SXC-XXXT CYPRESS-CY22381SXC-XXXT Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381SXC-JWKT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com