Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5432 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N5432
Description  N-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5432 Datasheet(HTML) 1 Page - Vishay Siliconix

  2N5432 Datasheet HTML 1Page - Vishay Siliconix 2N5432 Datasheet HTML 2Page - Vishay Siliconix 2N5432 Datasheet HTML 3Page - Vishay Siliconix 2N5432 Datasheet HTML 4Page - Vishay Siliconix 2N5432 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N5432/5433/5434
Vishay Siliconix
Document Number: 70245
S-04028—Rev. F, 04-Jun-01
www.vishay.com
7-1
N-Channel JFETs
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (W)
ID(off) Typ (pA)
tON Typ (ns)
2N5432
–4 to –10
5
10
2.5
2N5433
–3 to –9
7
10
2.5
2N5434
–1 to –4
10
10
2.5
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 2N5432 <5 W
D Fast Switching—tON: 2.5 ns
D High Off-Isolation—ID(off): 10 pA
D Low Capacitance: 11 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error,” Excellent Accuracy
D Good Frequency Response
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The 2N5432/5433/5434 are suitable for high-performance
analog switching and amplifier applications.
Breakdown
voltage characteristics, low on-resistance, and very fast
switching make these devices are ideal for a wide range of
applications.
The hermetically-sealed TO-206AC (TO-52) package is
suitable for processing per MIL-S-19500 (see Military
Information).
For similar products in TO-236 (SOT-23) or
TO-226AA (TO-92) packages, see the J/SST108 series data
sheet.
G and Case
TO-206AC
(TO-52)
D
S
Top View
1
23
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Storage Temperature
–65 to 200
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.4 mW/
_C above 25_C


Similar Part No. - 2N5432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
2N5432 ETC1-2N5432 Datasheet
43Kb / 1P
   N-Channel JFETs
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
74Kb / 6P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Intersil Corporation
2N5432 INTERSIL-2N5432 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5432 NJSEMI-2N5432 Datasheet
139Kb / 1P
   N-CHANNEL JFETS
More results

Similar Description - 2N5432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com