Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3222 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3222
Description  Dual Channel
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3222 Datasheet(HTML) 1 Page - Texas Instruments

  ADC3222 Datasheet HTML 1Page - Texas Instruments ADC3222 Datasheet HTML 2Page - Texas Instruments ADC3222 Datasheet HTML 3Page - Texas Instruments ADC3222 Datasheet HTML 4Page - Texas Instruments ADC3222 Datasheet HTML 5Page - Texas Instruments ADC3222 Datasheet HTML 6Page - Texas Instruments ADC3222 Datasheet HTML 7Page - Texas Instruments ADC3222 Datasheet HTML 8Page - Texas Instruments ADC3222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC3221, ADC3222, ADC3223, ADC3224
SBAS672B – JULY 2014 – REVISED MARCH 2016
ADC322x
Dual-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converters
1
1 Features
1
Dual Channel
12-Bit Resolution
Single Supply: 1.8 V
Serial LVDS Interface (SLVDS)
Flexible Input Clock Buffer with Divide-by-1, -2, -4
SNR = 70.2 dBFS, SFDR = 87 dBc at
fIN = 70 MHz
Ultra-Low Power Consumption:
116 mW/Ch at 125 MSPS
Channel Isolation: 105 dB
Internal Dither and Chopper
Support for Multi-Chip Synchronization
Pin-to-Pin Compatible with 14-Bit Version
Package: VQFN-48 (7 mm × 7 mm)
2 Applications
Multi-Carrier, Multi-Mode Cellular Base Stations
Radar and Smart Antenna Arrays
Munitions Guidance
Motor Control Feedback
Network and Vector Analyzers
Communications Test Equipment
Nondestructive Testing
Microwave Receivers
Software-Defined Radios (SDRs)
Quadrature and Diversity Radio Receivers
Handheld Radio and Instrumentation
3 Description
The ADC322x are a high-linearity, ultra-low power,
dual-channel, 12-bit, 25-MSPS to 125-MSPS, analog-
to-digital converter (ADC) family. The devices are
designed specifically to support demanding, high
input frequency signals with large dynamic range
requirements. An input clock divider allows more
flexibility for system clock architecture design and the
SYSREF
input
enables
complete
system
synchronization. The ADC322x family supports serial
low-voltage differential signaling (LVDS) in order to
reduce the number of interface lines, thus allowing for
high system integration density. The serial LVDS
interface is two-wire, where each ADC data are
serialized and output over two LVDS pairs. An
internal
phase-locked
loop
(PLL)
multiplies
the
incoming ADC sampling clock to derive the bit clock
that is used to serialize the 12-bit output data from
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC322x
VQFN (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
space
space
space
space
space
Performance at fS = 125 MSPS, fIN = 10 MHz
(SNR = 70.6 dBFS, SFDR = 100 dBc)


Similar Part No. - ADC3222

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC322 MPSIND-ADC322 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3221 TI1-ADC3221 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Similar Description - ADC3222

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
   Dual Channel Detector
TPS2534 PERKINELMER-TPS2534 Datasheet
294Kb / 1P
   Dual Channel Thermopile
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
TT Electronics.
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
   Dual Channel Encoder
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Fairchild Semiconductor
MOCD217M FAIRCHILD-MOCD217M Datasheet
2Mb / 10P
   Dual Channel Phototransistor
logo
Infineon Technologies A...
2N7002DW INFINEON-2N7002DW_14 Datasheet
448Kb / 9P
   Dual N-channel
Rev.2.3 2014-09-19
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
   Dual Channel Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com