Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT157 Datasheet(PDF) 7 Page - Texas Instruments

Part # 54ACT157
Description  Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT157 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 54ACT157 Datasheet HTML 2Page - Texas Instruments 54ACT157 Datasheet HTML 3Page - Texas Instruments 54ACT157 Datasheet HTML 4Page - Texas Instruments 54ACT157 Datasheet HTML 5Page - Texas Instruments 54ACT157 Datasheet HTML 6Page - Texas Instruments 54ACT157 Datasheet HTML 7Page - Texas Instruments 54ACT157 Datasheet HTML 8Page - Texas Instruments 54ACT157 Datasheet HTML 9Page - Texas Instruments 54ACT157 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OBSOLETE
54AC157, 54ACT157
www.ti.com
SNOS089B – JULY 1998 – REVISED APRIL 2013
AC Electrical Characteristics
54AC
TA = −55°C to +125°C
VCC
Symbol
Parameter
Units
Fig. No.
(V)(1)
CL = 50 pF
Min
Max
tPLH
Propagation Delay
3.3
1.0
16.0
ns
S to Zn
5.0
1.0
12.0
tPHL
Propagation Delay
3.3
1.0
14.0
ns
S to Zn
5.0
1.0
11.5
tPLH
Propagation Delay
3.3
1.0
16.0
ns
E to Zn
5.0
1.0
12.0
tPHL
Propagation Delay
3.3
1.0
14.0
ns
E to Zn
5.0
1.0
11.5
tPLH
Propagation Delay
3.3
1.0
11.0
ns
In to Zn
5.0
1.0
9.0
tPHL
Propagation Delay
3.3
1.0
11.0
ns
In to Zn
5.0
1.0
9.0
(1)
Voltage Range 3.3 is 3.3V ±0.3V.
Voltage Range 5.0 is 5.0V ±0.5V.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: 54AC157 54ACT157


Similar Part No. - 54ACT157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT157D NSC-54ACT157D Datasheet
137Kb / 8P
   Quad 2-Input Multiplexer
54ACT157F NSC-54ACT157F Datasheet
137Kb / 8P
   Quad 2-Input Multiplexer
54ACT157L NSC-54ACT157L Datasheet
137Kb / 8P
   Quad 2-Input Multiplexer
More results

Similar Description - 54ACT157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com