Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC251 Datasheet(PDF) 6 Page - Texas Instruments

Part # 54AC251
Description  8-Input Multiplexer with TRI-STATE Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC251 Datasheet(HTML) 6 Page - Texas Instruments

  54AC251 Datasheet HTML 1Page - Texas Instruments 54AC251 Datasheet HTML 2Page - Texas Instruments 54AC251 Datasheet HTML 3Page - Texas Instruments 54AC251 Datasheet HTML 4Page - Texas Instruments 54AC251 Datasheet HTML 5Page - Texas Instruments 54AC251 Datasheet HTML 6Page - Texas Instruments 54AC251 Datasheet HTML 7Page - Texas Instruments 54AC251 Datasheet HTML 8Page - Texas Instruments 54AC251 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
OBSOLETE
54AC251, 54ACT251
SNOS100B – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
DC CHARACTERISTICS FOR 'ACT FAMILY DEVICES (continued)
VCC
54ACT
(V)
Symbol
Parameter
TA = −55°C to +125°C
Units
Conditions
Ensured Limits
IIN
Maximum Input Leakage
5.5
±1.0
μA
VI = VCC, GND
Current
IOZ
Maximum TRI-STATE Current
VI = VIL, VIH
5.5
±5.0
μA
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
1.6
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic Output
5.5
50
mA
VOLD = 1.65V Max
Current (2)
IOHD
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply
VIN = VCC
5.5
80.0
μA
Current
or GND
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
AC ELECTRICAL CHARACTERISTICS
54AC
TA = −55°C
VCC
Symbol
Parameter
to +125°C
Units
(V) (1)
CL = 50 pF
Min
Max
tPLH
Propagation Delay Sn to Z or Z
3.3
1.0
21.0
ns
5.0
1.0
15.5
tPHL
Propagation Delay Sn to Z or Z
3.3
1.0
21.0
ns
5.0
1.0
15.5
tPLH
Propagation Delay In to Z or Z
3.3
1.0
17.0
ns
5.0
1.0
12.0
tPHL
Propagation Delay In to Z or Z
3.3
1.0
16.5
ns
5.0
1.0
12.0
tPZH
Output Enable Time OE to Z or Z
3.3
1.0
13.0
ns
5.0
1.0
10.0
tPZL
Output Enable Time OE to Z or Z
3.3
1.0
13.0
ns
5.0
1.0
10.0
tPHZ
Output Disable Time OE to Z or Z
3.3
3.5
14.0
ns
5.0
2.5
11.0
tPLZ
Output Disable Time OE to Z or Z
3.3
4.0
13.0
ns
5.0
3.0
10.0
(1)
Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V.
AC ELECTRICAL CHARACTERISTICS
54ACT
TA = −55°C
VCC
Symbol
Parameter
to +125°C
Units
(V) (1)
CL = 50 pF
Min
Max
tPLH
Propagation Delay Sn to Z or Z
5.0
1.0
18.0
ns
tPHL
Propagation Delay Sn to Z or Z
5.0
1.0
18.0
ns
tPLH
Propagation Delay In to Z or Z
5.0
1.0
13.5
ns
tPHL
Propagation Delay In to Z or Z
5.0
1.0
13.5
ns
tPZH
Output Enable Time OE to Z or Z
5.0
1.0
10.0
ns
tPZL
Output Enable Time OE to Z or Z
5.0
1.0
9.5
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC251 54ACT251


Similar Part No. - 54AC251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54AC251 NSC-54AC251 Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54AC251D NSC-54AC251D Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
54AC251DMQB NSC-54AC251DMQB Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54AC251F NSC-54AC251F Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

Similar Description - 54AC251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
logo
Fairchild Semiconductor
74ACT251SCX FAIRCHILD-74ACT251SCX Datasheet
101Kb / 9P
   8-Input Multiplexer with 3-STATE Output
74AC251 FAIRCHILD-74AC251 Datasheet
97Kb / 9P
   8-Input Multiplexer with 3-STATE Output
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com