Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC520 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54AC520
Description  8-Bit Identity Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54AC520 Datasheet(HTML) 2 Page - Texas Instruments

  54AC520 Datasheet HTML 1Page - Texas Instruments 54AC520 Datasheet HTML 2Page - Texas Instruments 54AC520 Datasheet HTML 3Page - Texas Instruments 54AC520 Datasheet HTML 4Page - Texas Instruments 54AC520 Datasheet HTML 5Page - Texas Instruments 54AC520 Datasheet HTML 6Page - Texas Instruments 54AC520 Datasheet HTML 7Page - Texas Instruments 54AC520 Datasheet HTML 8Page - Texas Instruments 54AC520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
54AC520
54ACT520
8-Bit Identity Comparator
General Description
The ’AC/’ACT520 are expandable 8-bit comparators. They
compare two words of up to eight bits each and provide a
LOW output when the two words match bit for bit. The
expansion input I
A= B also serves as an active LOW enable
input.
Features
n
Compares two 8-bit words in 6.5 ns typ
n
Expandable to any word length
n
20-pin package
n
Outputs source/sink 24 mA
n
’ACT520 has TTL-compatible inputs
n
Standard Microcircuit Drawing (SMD)
54AC520: 5962-90916
54ACT520: 5962-89793
Logic Symbols
Pin Names
Description
A
0–A7
Word A Inputs
B
0–B7
Word B Inputs
T
A=B
Expansion or Enable Input
O
A=B
Identity Output
FACTis a trademark of Fairchild Semiconductor Corporation.
DS100234-1
IEEE/IEC
DS100234-4
September 1998
© 2001 National Semiconductor Corporation
DS100234
www.national.com


Similar Part No. - 54AC520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
54AC520D NSC-54AC520D Datasheet
177Kb / 10P
   8-Bit Identity Comparator
54AC520F NSC-54AC520F Datasheet
177Kb / 10P
   8-Bit Identity Comparator
54AC520L NSC-54AC520L Datasheet
177Kb / 10P
   8-Bit Identity Comparator
More results

Similar Description - 54AC520

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com