Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ245 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54ACTQ245
Description  Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ245 Datasheet(HTML) 2 Page - Texas Instruments

  54ACTQ245 Datasheet HTML 1Page - Texas Instruments 54ACTQ245 Datasheet HTML 2Page - Texas Instruments 54ACTQ245 Datasheet HTML 3Page - Texas Instruments 54ACTQ245 Datasheet HTML 4Page - Texas Instruments 54ACTQ245 Datasheet HTML 5Page - Texas Instruments 54ACTQ245 Datasheet HTML 6Page - Texas Instruments 54ACTQ245 Datasheet HTML 7Page - Texas Instruments 54ACTQ245 Datasheet HTML 8Page - Texas Instruments 54ACTQ245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54ACQ245
54ACTQ245
Quiet Series Octal Bidirectional Transceiver with
TRI-STATE® Inputs/Outputs
General Description
The ’ACQ/’ACTQ245 contains eight non-inverting bidirec-
tional buffers with TRI-STATE outputs and is intended for
bus-oriented applications. Current sinking capability is
24 mA at both the A and B ports. The Transmit/Receive (T/R)
input determines the direction of data flow through the bidi-
rectional transceiver. Transmit (active-HIGH) enables data
from A ports to B ports; Receive (active-LOW) enables data
from B ports to A ports. The Output Enable input, when
HIGH, disables both A and B ports by placing them in a HIGH
Z condition.
The ’ACQ/’ACTQ utilizes NSC Quiet Series technology to
guarantee quiet output switching and improve dynamic
threshold performance. FACT Quiet Seriesfeatures
GTOoutput control and undershoot corrector in addition to
a split ground bus for superior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Outputs source/sink 24 mA
n Faster prop delays than the standard ’ACT245
n 4 kV minimum ESD immunity (’ACQ)
n Standard Military Drawing (SMD)
— ’ACTQ245: 5962-92187
— ’ACQ245: 5962-92177
Logic Symbols
Pin
Description
Names
OE
Output Enable Input
T/R
Transmit/Receive Input
A
0–A7
Side A TRI-STATE Inputs or TRI-STATE Outputs
B
0–B7
Side B TRI-STATE Inputs or TRI-STATE Outputs
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100237-1
IEEE/IEC
DS100237-2
September 1998
© 1998 National Semiconductor Corporation
DS100237
www.national.com


Similar Part No. - 54ACTQ245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ245D NSC-54ACTQ245D Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACTQ245F NSC-54ACTQ245F Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACTQ245L NSC-54ACTQ245L Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results

Similar Description - 54ACTQ245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Fairchild Semiconductor
74ACTQ245PC FAIRCHILD-74ACTQ245PC Datasheet
144Kb / 11P
   Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245_08 Datasheet
461Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74ACQ245 FAIRCHILD-74ACQ245 Datasheet
351Kb / 13P
   Quiet Series??Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
National Semiconductor ...
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com