Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08131 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC08131
Description  8-Bit High-Speed Serial I/O A/D Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08131 Datasheet(HTML) 3 Page - Texas Instruments

  ADC08131 Datasheet HTML 1Page - Texas Instruments ADC08131 Datasheet HTML 2Page - Texas Instruments ADC08131 Datasheet HTML 3Page - Texas Instruments ADC08131 Datasheet HTML 4Page - Texas Instruments ADC08131 Datasheet HTML 5Page - Texas Instruments ADC08131 Datasheet HTML 6Page - Texas Instruments ADC08131 Datasheet HTML 7Page - Texas Instruments ADC08131 Datasheet HTML 8Page - Texas Instruments ADC08131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OBSOLETE
ADC08131, ADC08134, ADC08138
www.ti.com
SNAS066D – JUNE 1999 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
6.5V
Voltage at Inputs and Outputs
−0.3V to VCC + 0.3V
Input Current at Any Pin(4)
±5 mA
Package Input Current(4)
±20 mA
Power Dissipation at TA = 25°C
(5)
800 mW
ESD Susceptibility(6)
1500V
N Package (10 sec.)
260°C
Soldering Information
Vapor Phase (60 sec.)
215°C
SOIC Package
Infrared (15 sec.)
220°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to AGND = DGND = 0 VDC, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < (AGND or DGND) or VIN > AVCC) the current at that pin
should be limited to 5 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 5 mA to four pins.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower. For these devices TJMAX = 125°C. The typical thermal resistances (θJA) of these parts when
board mounted for the ADC 08131 and the ADC08134 is 140°C/W and 91°C/W for the ADC08138.
(6)
Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
Temperature Range (TMIN ≤ TA ≤ TMAX)
−40°C ≤ TA ≤ +85°C
Supply Voltage (VCC)
4.5 VDC to 6.3 VDC
(1)
Operating Ratings indicate conditions for which the device is functional. These ratings do not ensure specific performance limits. For
ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test
conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to AGND = DGND = 0 VDC, unless otherwise specified.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08131 ADC08134 ADC08138


Similar Part No. - ADC08131

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08131CIWM NSC-ADC08131CIWM Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
More results

Similar Description - ADC08131

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08231 TI1-ADC08231 Datasheet
646Kb / 26P
[Old version datasheet]   8-Bit 2 Mus Serial I/O A/D Converters
logo
Linear Technology
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com