Electronic Components Datasheet Search |
|
MKP1839100322402G Datasheet(PDF) 9 Page - Vishay Siliconix |
|
MKP1839100322402G Datasheet(HTML) 9 Page - Vishay Siliconix |
9 / 12 page MKP1839 www.vishay.com Vishay Roederstein Revision: 10-Dec-13 9 Document Number: 26022 For technical questions, contact: dc-film@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 INSPECTION REQUIREMENTS General Notes Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 60384-16 and Specific Reference Data”. GROUP C INSPECTION REQUIREMENTS SUB-CLAUSE NUMBER AND TEST CONDITIONS PERFORMANCE REQUIREMENTS SUB-GROUP C1A PART OF SAMPLE OF SUB-GROUP C1 4.1 Dimensions (detail) As specified in chapter “General Data” of this specification 4.3.1 Initial measurements Capacitance Tangent of loss angle at 100 kHz 4.3 Robustness of terminations Tensile and bending No visible damage 4.4 Resistance to soldering heat Method: 1A Solder bath: 280 °C ± 5 °C Duration: 5 s 4.14 Component solvent resistance Isopropylalcohol at room temperature Method: 2 Immersion time: 5 min ± 0.5 min Recovery time: Min. 1 h, max. 2 h 4.4.2 Final measurements Visual examination No visible damage Legible marking Capacitance | C/C| 2 % of the value measured initially Tangent of loss angle Increase of tan 0.002 Compared to values measured in 4.3.1 SUB-GROUP C1B OTHER PART OF SAMPLE OF SUB-GROUP C1 4.6.1 Initial measurements Capacitance Tangent of loss angle: For C 1 μF at 10 kHz For C > 1 μF at 1 kHz 4.15 Solvent resistance of the marking Isopropylalcohol at room temperature Method: 1 Rubbing material: Cotton wool Immersion time: 5 min ± 0.5 min No visible damage Legible marking 4.6 Rapid change of temperature A = Lower category temperature B = Upper category temperature 5 cycles Duration t = 30 min 4.7 Vibration Visual examination Mounting: See section “Mounting” for more information Procedure B4 Frequency range: 10 Hz to 55 Hz Amplitude: 0.75 mm or Acceleration 98 m/s2 (whichever is less severe) Total duration 6 h No visible damage 4.7.2 Final inspection Visual examination No visible damage |
Similar Part No. - MKP1839100322402G |
|
Similar Description - MKP1839100322402G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |