Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZV832BV2TA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZV832BV2TA
Description  SILICON 28V HYPERABRUPT VARACTOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZV832BV2TA Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZV832BV2TA Datasheet HTML 1Page - Zetex Semiconductors ZV832BV2TA Datasheet HTML 2Page - Zetex Semiconductors ZV832BV2TA Datasheet HTML 3Page - Zetex Semiconductors ZV832BV2TA Datasheet HTML 4Page - Zetex Semiconductors ZV832BV2TA Datasheet HTML 5Page - Zetex Semiconductors ZV832BV2TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
830 SERIES
SEMICO NDUC TORS
6
ISSUE 8 - MARCH 2005
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2004
SOD523 PACKAGE DIMENSIONS
DIM
Millimeters
Inches
Min
Max
Min
Max
A
1.8
2.2
0.071
0.087
B
1.15
1.35
0.045
0.053
C
0.8
1.0
0.031
0.039
D
0.2
0.4
0.008
0.016
F
0.1
0.25
0.004
0.01
G
1.2
1.4
0.047
0.055
SOD323 PACKAGE DIMENSIONS
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.800
0.0314
A1
0.000
0.100
0.000
0.0039
A2
0.600
0.800
0.0236
0.0314
b1
0.160
0.300
0.0062
0.0118
c
0.080
0.220
0.0031
0.0086
D
0.700
0.900
0.0275
0.0354
E
1.500
1.700
0.0590
0.0669
E1
1.100
1.300
0.0433
0.0511
L
0.200
0.400
0.0078
0.0157
L1
0.170
0.230
0.0066
0.0090
1
4
10
4
10


Similar Part No. - ZV832BV2TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZV832BV2TA ZETEX-ZV832BV2TA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV832BV2TA ZETEX-ZV832BV2TA Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZV832BV2TA ZETEX-ZV832BV2TA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
More results

Similar Description - ZV832BV2TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC930 ZETEX-ZC930_07 Datasheet
75Kb / 7P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com