Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D1000CIUT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D1000CIUT
Description  Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D1000CIUT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10D1000CIUT Datasheet HTML 4Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 5Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 9Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 10Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 11Page - Texas Instruments ADC10D1000CIUT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
GND
VA
GND
VA
GND
VA
50 k:
VA
GND
GND
VA
ADC10D1000, ADC10D1500
SNAS462Q – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Table 4. Control and Status Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
Calibration cycle initiate. The user can command
the device to execute a self-calibration cycle by
holding this input high a minimum of tCAL_H after
having held it low a minimum of tCAL_L. If this input
is held high at the time of power-on, the automatic
power-on calibration cycle is inhibited until this
D6
CAL
input is cycled low-then-high. This pin is active in
both ECM and Non-ECM. In ECM, this pin is
logically OR'd with the CAL Bit (Addr: 0h, Bit 15)
in the Control Register. Therefore, both pin and bit
must be set low and then either can be set high to
execute an on-command calibration.
Calibration Running indication. This output is
B5
CalRun
logic-high while the calibration sequence is
executing. This output is logic-low otherwise.
Power Down I- and Q-channel. Setting either input
to logic-high powers down the respective I- or Q-
channel. Setting either input to logic-low brings the
respective I- or Q-channel to a operational state
U3
PDI
after a finite time delay. This pin is active in both
V3
PDQ
ECM and Non-ECM. In ECM, each Pin is logically
OR'd with its respective Bit. Therefore, either this
pin or the PDI and PDQ Bit in the Control Register
can be used to power-down the I- and Q-channel
(Addr: 0h, Bit 11 and Bit 10), respectively.
Test Pattern Mode select. With this input at logic-
high, the device continuously outputs a fixed,
repetitive test pattern at the digital outputs. In the
A4
TPM
ECM, this input is ignored and the Test Pattern
Mode can only be activated through the Control
Register by the TPM Bit (Addr: 0h, Bit 12).
Non-Demuxed Mode select. Setting this input to
logic-high causes the digital output bus to be in
the 1:1 Non-Demuxed Mode. Setting this input to
A5
NDM
logic-low causes the digital output bus to be in the
1:2 Demuxed Mode. This feature is pin-controlled
only and remains active during ECM and Non-
ECM.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D1000 ADC10D1500


Similar Part No. - ADC10D1000CIUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1000CIUT NSC-ADC10D1000CIUT Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000CIUT NSC-ADC10D1000CIUT Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000CIUT/NOPB NSC-ADC10D1000CIUT/NOPB Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
More results

Similar Description - ADC10D1000CIUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000 Datasheet
2Mb / 62P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS ADC
ADC10D1000QML NSC-ADC10D1000QML Datasheet
2Mb / 64P
   Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/DConverter
logo
Texas Instruments
ADC10D1000QML-SP TI-ADC10D1000QML-SP Datasheet
1Mb / 70P
[Old version datasheet]   ADC10D1000QML Low Power, 10-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com