Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10D020CIVSX Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC10D020CIVSX
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVSX Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10D020CIVSX Datasheet HTML 4Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 5Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 6Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 7Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 8Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 9Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 10Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 11Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADC10D020
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply for VA = VD = VDR = +3.0 VDC, VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (a.c.
coupled) = FSR = 1.0 VP-P, CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1).
Typical
Units
Symbol
Parameter
Conditions
Limits (3)
(2)
(Limits)
PD = LOW, STBY = LOW, dc input
1.3
1.4
mA (max)
Digital Output Driver Supply Current
IDR
PD = LOW, STBY = HIGH
0.1
mA
(4)
PD = HIGH, STBY = LOW or HIGH
0.1
mA
PD = LOW, STBY = LOW, dc input
150
169
mW (max)
PD = LOW, STBY = LOW, 1 MHz Input
178
mW
PWR
Power Consumption
PD = LOW, STBY = HIGH
27
mW
PD = HIGH, STBY = LOW or HIGH
<1
mW
Change in Full Scale with 2.7V to 3.6V Supply
PSRR1
Power Supply Rejection Ratio
90
dB
Change
Rejection at output with 20 MHz, 250 mVP-P
PSRR2
Power Supply Rejection Ratio
52
dB
Riding on VA and VD
(4)
IDR is the current consumed by the switching of the output drivers and is primarily determined by the load capacitance on the output
pins, the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR = VDR (CO x fO + C1 x f1
+ ... + C9 x f9) where VDR is the output driver power supply voltage, Cn is the total capacitance on the output pin, and fn is the average
frequency at which that pin is toggling.
AC Electrical Characteristics
OS = Low (Multiplexed Mode)
The following specifications apply for VA = VD = VDR = +3.0VDC, VREF = 1.0 VDC, GAIN = OF = 0V, OS = 0V, VIN (a.c. coupled)
= FSR = 1.0 VP-P, CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected. Boldface
limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical (2)
Limits (3)
(Limits)
fCLK1
Maximum Clock Frequency
30
20
MHz (min)
fCLK2
Minimum Clock Frequency
1
MHz
30
% (min)
Duty Cycle
50
70
% (max)
Pipeline Delay (Latency)
I Data
2.5
Clock Cycles
Q Data
3.0
Clock Cycles
tr, tf
Output Rise and Fall Times
4
ns
tOC
Offset Correction Pulse Width
10
ns (min)
Output Delay from CLK Edge to Data
tOD
13
18
ns (max)
Valid
tDIQ
I/Q Output Delay
13
ns
tSKEW
I/Q to Data Delay
±200
ps
tAD
Sampling (Aperture) Delay
2.4
ns
tAJ
Aperture Jitter
<10
ps (rms)
tVALID
Data Valid Time
21
ns
Overrange Recovery Time
Differential VIN step from 1.5V to 0V
50
ns
PD Low to 1/2 LSB Accurate Conversion
tWUPD
<1
ms
(Wake-Up Time)
STBY Low to 1/2 LSB Accurate
tWUSB
800
ns
Conversion (Wake-Up Time)
(1)
The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device.
However, errors in the A/D conversion can occur if the input goes beyond the limits given in these tables. See Figure 2
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(3)
Test limits are specified to TI's AOQL (Average Outgoing Quality Level). Performance is ensured only at VREF = 1.0V and a clock duty
cycle of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are
performed and limits specified with clock low and high levels of 0.3V and VD − 0.3V, respectively.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D020


Similar Part No. - ADC10D020CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Similar Description - ADC10D020CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com